Electronic Components Datasheet Search
  English  ▼

X  

MAX1258 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1258
Description  12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1258 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1258 Datasheet HTML 1Page - Maxim Integrated Products MAX1258 Datasheet HTML 2Page - Maxim Integrated Products MAX1258 Datasheet HTML 3Page - Maxim Integrated Products MAX1258 Datasheet HTML 4Page - Maxim Integrated Products MAX1258 Datasheet HTML 5Page - Maxim Integrated Products MAX1258 Datasheet HTML 6Page - Maxim Integrated Products MAX1258 Datasheet HTML 7Page - Maxim Integrated Products MAX1258 Datasheet HTML 8Page - Maxim Integrated Products MAX1258 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 2.7V to 3.6V (MAX1257), external reference VREF = 2.5V (MAX1257), VAVDD = 4.75V to 5.25V, VDVDD = 2.7V to VAVDD
(MAX1220/MAX1258), external reference VREF = 4.096V (MAX1220/MAX1258), fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C,
unless otherwise noted. Typical values are at VAVDD = VDVDD = 3V (MAX1257), VAVDD = VDVDD = 5V (MAX1220/MAX1258), TA = +25°C.
Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VREF = 2.5V (MAX1257), fSAMPLE =
25
80
VREF = 4.096V (MAX1220/MAX1258),
fSAMPLE = 225ksps
40
80
REF1 Input Current (Note 9)
IREF1
Acquisition between conversions
±0.01
±1
µA
VREF = 2.5V (MAX1257), fSAMPLE =
25
80
VREF = 4.096V (MAX1220/MAX1258),
fSAMPLE = 225ksps
40
80
REF2 Input Current
IREF2
Acquisition between conversions
±0.01
±1
µA
DAC
DC ACCURACY (Note 10)
Resolution
12
Bits
Integral Nonlinearity
INL
±0.5
±4
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1.0
LSB
Offset Error
VOS
(Note 8)
±3
±10
mV
Offset-Error Drift
±10
ppm of
FS/°C
Gain Error
GE
(Note 8)
±5
±10
LSB
Gain Temperature Coefficient
±8
ppm of
FS/°C
DAC OUTPUT
No load
0.02
VAVDD -
0.02
Output-Voltage Range
10k load to either rail
0.1
VAVDD -
0.1
V
DC Output Impedance
0.5
Capacitive Load
(Note 11)
1
nF
VAVDD = 2.7V, VREF = 2.5V (MAX1257),
gain error < 1%
2000
Resistive Load to AGND
RL
VAVDD = 4.75V, VREF = 4.096V
(MAX1220/MAX1258), gain error < 2%
500
From power-down mode, VAVDD = 5V
25
Wake-Up Time (Note 12)
From power-down mode, VAVDD = 2.7V
21
µs
1k Output Termination
Programmed in from power-down mode
1
k
100k Output Termination
At wake-up or programmed in
power-down mode
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com