Electronic Components Datasheet Search
  English  ▼

X  

MAX1258 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX1258
Description  12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1258 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX1258 Datasheet HTML 29Page - Maxim Integrated Products MAX1258 Datasheet HTML 30Page - Maxim Integrated Products MAX1258 Datasheet HTML 31Page - Maxim Integrated Products MAX1258 Datasheet HTML 32Page - Maxim Integrated Products MAX1258 Datasheet HTML 33Page - Maxim Integrated Products MAX1258 Datasheet HTML 34Page - Maxim Integrated Products MAX1258 Datasheet HTML 35Page - Maxim Integrated Products MAX1258 Datasheet HTML 36Page - Maxim Integrated Products MAX1258 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
33
If CS goes high prior to completing 16 SCLK cycles, the
command is discarded. To initiate a new transfer, drive
CS low again.
For example, writing the DAC serial interface word 1111
0000 and 1111 0100 disconnects DAC outputs 4
through 7 and forces them to a high-impedance state.
DAC outputs 0 through 3 remain in their previous state.
Output-Data Format
Figures 6–9 illustrate the conversion timing for the
MAX1220/MAX1257/MAX1258. All 12-bit conversion
results are output in 2-byte format, MSB first, with four
leading zeros. Data appears on DOUT on the falling
edges of SCLK. Data is binary for unipolar mode and
two’s complement for bipolar mode and temperature
results. See Figures 3, 4, and 5 for input/output and
temperature-transfer functions.
ADC Transfer Functions
Figure 3 shows the unipolar transfer function for single-
ended or differential inputs. Figure 4 shows the bipolar
transfer function for differential inputs. Code transitions
occur halfway between successive-integer LSB values.
Output coding is binary, with 1 LSB = VREF1/4096
(MAX1257) and 1 LSB = VREF1/4096 (MAX1220/
MAX1258) for unipolar and bipolar operation, and 1
LSB = +0.125°C for temperature measurements.
Bipolar true-differential results and temperature-sensor
Table 21. DAC Power-Up and Power-Down Commands
CONTROL
BITS
DATA BITS
C3 C2 C1 C0
D3 D2 D1 D0
DESCRIPTION
FUNCTION
1
1
1
1
——— ————— 0
0
1
X
Power-Up
Power up individual DAC buffers indicated by data
in DAC0 through DAC7. A one indicates the DAC
output is connected and active. A zero does not
affect the DAC’s present state.
1
1
1
1
——— ————— 0
1
0
X
Power-Down 1
Power down individual DAC buffers indicated by
data in DAC0 through DAC7. A one indicates the
DAC output is disconnected and high impedance.
A zero does not affect the DAC’s present state.
1
1
1
1
——— ————— 1
0
0
X
Power-Down 2
Power down individual DAC buffers indicated by
data in DAC0 through DAC7. A one indicates the
DAC output is disconnected and pulled to AGND
with a 1k
Ω resistor. A zero does not affect the DAC’s
present state.
1
1
1
1
——— ————— 0
0
0
X
Power-Down 3
Power down individual DAC buffers indicated by
data in DAC0 through DAC7. A one indicates the
DAC output is disconnected and pulled to AGND
with a 100k
Ω resistor. A zero does not affect the
DAC’s present state.
1
1
1
1
——— ————— 1
1
1
X
Power-Down 4
Power down individual DAC buffers indicated by
data in DAC0 through DAC7. A one indicates the
DAC output is disconnected and pulled to REF1 with
a 100k
Ω resistor. A zero does not affect the DAC’s
present state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com