Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2114 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2114
-
G1: Green
Circuit Type
Package
TR: Tape & Reel
H: SOT-223
D: TO-252-2 (1)/TO-252-2 (3)
S: TO-263-3
M: SOIC-8
MP: PSOP-8
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
AP2114H-1.2TRG1
GH12C
Tape & Reel
AP2114H-1.8TRG1
GH12D
Tape & Reel
AP2114H-2.5TRG1
GH14C
Tape & Reel
SOT-223
-40 to 85
°C
AP2114H-3.3TRG1
GH12E
Tape & Reel
AP2114D-1.2TRG1
AP2114D-1.2G1
Tape & Reel
AP2114D-1.8TRG1
AP2114D-1.8G1
Tape & Reel
AP2114D-2.5TRG1
AP2114D-2.5G1
Tape & Reel
TO-252-2 (1)/
TO-252-2 (3)
-40 to 85
°C
AP2114D-3.3TRG1
AP2114D-3.3G1
Tape & Reel
AP2114S-1.2TRG1
AP2114S-1.2G1
Tape & Reel
AP2114S-1.8TRG1
AP2114S-1.8G1
Tape & Reel
AP2114S-2.5TRG1
AP2114S-2.5G1
Tape & Reel
TO-263-3
-40 to 85
°C
AP2114S-3.3TRG1
AP2114S-3.3G1
Tape & Reel
AP2114M-1.2TRG1
2114M-1.2G1
Tape & Reel
AP2114M-1.8TRG1
2114M-1.8G1
Tape & Reel
AP2114M-2.5TRG1
2114M-2.5G1
Tape & Reel
SOIC-8
-40 to 85
°C
AP2114M-3.3TRG1
2114M-3.3G1
Tape & Reel
AP2114MP-1.2TRG1 2114MP-1.2G1
Tape & Reel
AP2114MP-1.8TRG1 2114MP-1.8G1
Tape & Reel
AP2114MP-2.5TRG1 2114MP-2.5G1
Tape & Reel
PSOP-8
-40 to 85
°C
AP2114MP-3.3TRG1 2114MP-3.3G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
1.2: Fixed Output 1.2V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com