Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2114 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2114 is CMOS process low dropout linear
regulator with enable function, the regulator delivers
a guaranteed 1A (Min.) continuous load current.
The AP2114 features low power consumption.
The AP2114 is available in 1.2V, 1.8V, 2.5V and
3.3V regulator output, and available in excellent
output accuracy 1.5%, it is also available in an
excellent load regulation and line regulation
performance.
The AP2114 is available in standard packages of
SOT-223, TO-252-2 (1), TO-252-2 (3), TO-263-3,
SOIC-8 and PSOP-8.
Features
•
Output Voltage Accuracy: ±1.5%
•
Output Current: 1A (Min.)
•
Fold-back Short Current Protection: 50mA
•
Low Dropout Voltage (3.3V): 450mV (Typ.)
@IOUT=1A
•
Stable with 4.7µF Flexible Cap: Ceramic,
Tantalum and Aluminum Electrolytic
•
Excellent Line Regulation: 0.02%/V (Typ.),
0.1%/V (Max.) @ IOUT=30mA
•
Excellent Load Regulation: 0.2% @IOUT=0A to
1A
•
Low Quiescent Current: 60µA (1.2V/1.8V/
2.5V)
•
Low Output Noise: 30µVRMS
•
PSRR: 68dB @ Freq=1KHz (1.2V/1.8V)
•
OTSD Protection
•
Operating Temperature Range: -40°C to 85°C
•
ESD: MM 400V, HBM 4000V
Applications
•
LCD Monitor
•
LCD TV
•
STB
Figure 1. Package Types of AP2114
SOT-223
TO-263-3
TO-252-2 (1)
TO-252-2 (3)
SOIC-8
PSOP-8


Similar Part No. - AP2114

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
logo
BCD Semiconductor Manuf...
AP2114D-1.2TRG1 BCDSEMI-AP2114D-1.2TRG1 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114D-1.2TRG1 DIODES-AP2114D-1.2TRG1 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
logo
BCD Semiconductor Manuf...
AP2114D-1.5TRG1 BCDSEMI-AP2114D-1.5TRG1 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114D-1.5TRG1 DIODES-AP2114D-1.5TRG1 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com