Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2114 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics (Continued)
AP2114-1.8 Electrical Characteristics (Note 2)
(VIN=2.8V, CIN=4.7µF (Ceramic), COUT=4.7µF (Ceramic), Typical TA = 25°C, Bold typeface applies over -40OC≤TA≤85OC
ranges, unless otherwise specified (Note 3))
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =2.8V, 1mA ≤ IOUT ≤ 30mA
VOUT
×98.5%
1.8
VOUT
×101.5%
V
Maximum Output Current
IOUT(MAX)
VIN=2.8V, VOUT=1.773V to 1.827V
1.0
A
Load Regulation
△
VOUT/VOUT
I
△ OUT
VIN=2.8V, 1mA ≤ IOUT ≤1A
0.2
1.0
%/A
Line Regulation
△
VOUT/VOUT
V
△ IN
2.8V≤VIN≤6V, IOUT=30mA
0.02
±0.1
%/V
Dropout Voltage
VDROP
IOUT=1.0A
500
700
mV
Quiescent Current
IQ
VIN=2.8V, IOUT=0mA
60
75
µA
f=100Hz
68
Power Supply Rejection
Ratio
PSRR
Ripple 1Vp-p
VIN=2.8V,
IOUT=100mA
f=1KHz
68
dB
Output Voltage
Temperature Coefficient
△
VOUT/VOUT
T
△
IOUT=30mA, TA =-40°C to 85°C
±30
ppm/°C
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz ≤ f ≤100kHz (No load)
30
µVRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
VEN Low Voltage
VIL
Enable logic low, regulator off
0.4
V
Standby Current
ISTD
VIN=3.5V, VEN in OFF mode
0.01
1.0
µA
Start-up Time
TS
No Load
20
µs
EN Pull Down Resistor
RPD
3.0
mΩ
VOUT Discharge Resistor
RDCHG
Set EN pin at Low
60
Ω
Thermal
Shutdown
Temperature
TOTSD
160
Thermal
Shutdown
Hysteresis
THYOTSD
25
°C
SOIC-8
74.6
PSOP-8
43.7
SOT-223
50.9
TO-252-2 (1) / TO-252-2 (3)
35
Thermal Resistance
(Junction to Case)
θJC
TO-263-3
22
°C /W
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com