Electronic Components Datasheet Search
  English  ▼

X  

AP2114 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2114 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
3
Pin Descriptions
Pin Number
SOT-223, TO-263-3,
TO-252-2 (1) / (3)
SOIC-8/PSOP-8
Pin
Name
Function
1
1, 3, 5, 6, 7,
GND
Ground
2
2
VOUT
Regulated Output
3
4
VIN
Input Voltage Pin
8
EN
Chip Enable, H – normal work, L – shutdown output
Functional Block Diagram
Shutdown
Logic
Thermal
Shutdown
Foldback
Current Limit
VREF
GND
EN
VIN
3m
VOUT
A (B)
A: SOT-223, TO-263-3, TO-252-2 (1)/(3)
B: SOIC-8, PSOP-8
(8)
1 (1, 3, 5, 6, 7)
2 (2)
3 (4)
Figure 3. Functional Block Diagram of AP2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com