Electronic Components Datasheet Search
  English  ▼

X  

LD271 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LD271
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD271 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LD271 Datasheet HTML 1Page - Siemens Semiconductor Group LD271 Datasheet HTML 2Page - Siemens Semiconductor Group LD271 Datasheet HTML 3Page - Siemens Semiconductor Group LD271 Datasheet HTML 4Page - Siemens Semiconductor Group LD271 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LD 271, LD 271 H
LD 271 L, LD 271 HL
Semiconductor Group
5
1997-11-01
Forward current
IF = f (VF), single pulse, tp = 20 µs
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
Permissible pulse handling capability
IF = f (τ), TC = 25 °C,
duty cycle D = parameter
t
OHR00257
P
10
-5
s
T
t p
D =
t p
T
Ι
F
10
4
Ι
F
DC
0.5
0.2
0.1
0.005
0.01
0.02
0.05
mA
10
3
10
2
-4
10
-3
10
-2
10
-1
10
0
10
2
10
=
D
5
5
Radiation characteristics Irel = f (ϕ)
OHR01879
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com