Electronic Components Datasheet Search
  English  ▼

X  

LD271 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LD271
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD271 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LD271 Datasheet HTML 1Page - Siemens Semiconductor Group LD271 Datasheet HTML 2Page - Siemens Semiconductor Group LD271 Datasheet HTML 3Page - Siemens Semiconductor Group LD271 Datasheet HTML 4Page - Siemens Semiconductor Group LD271 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
1997-11-01
LD 271, LD 271 H
LD 271 L, LD 271 HL
Gruppierung der Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Grouping of radiant intensity I
e in axial direction
at a solid angle of
Ω = 0.01 sr
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
LD 271
LD 271 L
LD 271 H
LD 271 HL
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
Ie
Ie typ.
15 (
≥ 10)
120
> 16
mW/sr
mW/sr
Relative spectral emission
Irel = f (λ)
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
Radiant intensity
Single pulse,
tp = 20 µs
Ie
Ie 100 mA
= f (IF)
Ι
OHR01038
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)
Max. permissible forward current
IF = f (TA)
T
OHO00364
A
0
F
Ι
0
20
40
60
80
100
C
mA
20
40
60
80
100
120
140
160
200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com