Electronic Components Datasheet Search
  English  ▼

X  

LD271 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LD271
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD271 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LD271 Datasheet HTML 1Page - Siemens Semiconductor Group LD271 Datasheet HTML 2Page - Siemens Semiconductor Group LD271 Datasheet HTML 3Page - Siemens Semiconductor Group LD271 Datasheet HTML 4Page - Siemens Semiconductor Group LD271 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
1997-11-01
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Wesentliche Merkmale
q
GaAs-IR-LED, hergestellt im
Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Hohe Impulsbelastbarkeit
q
Lange Anschlüsse
q
Gruppiert lieferbar
q
Gehäusegleich mit SFH 300, SFH 203
Anwendungen
q
IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
q
Gerätefernsteuerungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
Features
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
High reliability
q
High pulse handling capability
q
long leads
q
Available in groups
q
Same package as SFH 300, SFH 203
Applications
q
IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
q
Remote control of various equipment
q
Photointerrupters
LD 271, LD 271 H
LD 271 L, LD 271 HL
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
7.8
7.5
9.0
8.2
29
27
1.8
1.2
4.8
4.2
5.9
5.5
0.6
0.4
Area not flat
Chip position
Cathode
Approx. weight 0.2 g
GEO06645
5.9
5.5
0.6
0.4
7.8
7.5
9.0
8.2
4.8
4.2
11.4
11.0
14.0
13.0
1.8
1.2
Area not flat
0.6
0.4
Cathode
Chip position
GEX06239
Approx. weight 0.5 g


Similar Part No. - LD271

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD271 SIEMENS-LD271 Datasheet
116Kb / 2P
INFRARD EMITTER
logo
OSRAM GmbH
LD271 OSRAM-LD271 Datasheet
143Kb / 8P
IR-Lumineszenzdiode Infrared Emitter
logo
Siemens Semiconductor G...
LD271H SIEMENS-LD271H Datasheet
116Kb / 2P
INFRARD EMITTER
logo
OSRAM GmbH
LD271H OSRAM-LD271H Datasheet
143Kb / 8P
IR-Lumineszenzdiode Infrared Emitter
logo
Siemens Semiconductor G...
LD271L SIEMENS-LD271L Datasheet
116Kb / 2P
INFRARD EMITTER
More results

Similar Description - LD271

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com