Electronic Components Datasheet Search
  English  ▼

X  

PA2005 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2005 Datasheet(HTML) 4 Page - Unisonic Technologies

  PA2005 Datasheet HTML 1Page - Unisonic Technologies PA2005 Datasheet HTML 2Page - Unisonic Technologies PA2005 Datasheet HTML 3Page - Unisonic Technologies PA2005 Datasheet HTML 4Page - Unisonic Technologies PA2005 Datasheet HTML 5Page - Unisonic Technologies PA2005 Datasheet HTML 6Page - Unisonic Technologies PA2005 Datasheet HTML 7Page - Unisonic Technologies PA2005 Datasheet HTML 8Page - Unisonic Technologies PA2005 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 16
www.unisonic.com.tw
QW-R107-035,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Supply Voltage
Vss
18
V
DC Supply Voltage
Vss
28
V
Peak Supply Voltage (for 50ms)
Vss
40
V
Output Peak Current (Note)
non repetitive t=0.1ms
Io
4.5
A
repetitive f ≥10Hz
Io
3.5
A
Power Dissipation at Tc=60°C
PD
30
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ 150
°C
Note: The max. output current is internally limited.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
3.0
°C /W
ELECTRICAL CHARACTERISTICS
(Refer to the application circuit, Ta=25°C, Gv=50dB, Rth(heatsink)=4℃/W, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
BRIDGE
Supply Voltage
Vss
8
18
V
Output Offset Voltage
(between pin 8 and pin 10)
Vos
Vss=14.4V
Vss=13.2V
150
150
mV
mV
Total Quiescent Drain Current
ID
Vss=14.4V, RL=4Ω
Vss=13.2V, RL=3.2Ω
75
70
150
160
mA
mA
Output Power
POUT
THD=10%, f=1Hz
Vss=14.4V, RL=4Ω
RL=3.2Ω
Vss=13.2V, RL=3.2Ω
18
20
17
20
22
19
W
Total Harmonic Distortion
f=1KHz
THD
Vss=14.4V, RL=4Ω
POUT=50mW ~ 15W
1
%
Vss=13.2V, RL=3.2Ω
POUT=50mW ~ 13W
1
%
Input Sensitivity
f=1kHz
VIN
POUT=2W, RL=4Ω
9
mV
POUT=2W, RL=3.2Ω
8
mV
Input Resistance
RIN
f=1kHz
70
kΩ
Low Frequency Roll Off (-3dB)
fL
RL=3.2Ω
40
Hz
High Frequency Roll Off (-3dB)
fH
RL=3.2Ω
20
kHz
Closed Loop Voltage Gain
GV
f=1kHz
50
dB
Total Input Noise Voltage
eN
RG=10kΩ(Note 1)
3
10
μV
Supply Voltage Rejection
SVR
RG=10kΩ, C4=10μF
FRIPPLE=100Hz, VRIPPLE=0.5V
45
55
dB
Efficiency
η
Vss=14.4V, f=1kHz
POUT=20W, RL=4Ω
POUT=22W, RL=3.2Ω
60
60
%
Vss=13.2V, f=1kHz
POUT=19W, RL=3.2Ω
58
%
Thermal Shut-down Junction
Temperature
TJ
Vss=14.4V, RL=4Ω
f=1kHz, PD=13W
145
°C
Output Voltage With One Side of
the Speaker Shorted to Ground
VOSH
Vss=14.4V, RL=4Ω
Vss=13.2V, RL=3.2Ω
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com