Electronic Components Datasheet Search
  English  ▼

X  

PA2005 Datasheet(PDF) 15 Page - Unisonic Technologies

Part # PA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2005 Datasheet(HTML) 15 Page - Unisonic Technologies

Back Button PA2005 Datasheet HTML 8Page - Unisonic Technologies PA2005 Datasheet HTML 9Page - Unisonic Technologies PA2005 Datasheet HTML 10Page - Unisonic Technologies PA2005 Datasheet HTML 11Page - Unisonic Technologies PA2005 Datasheet HTML 12Page - Unisonic Technologies PA2005 Datasheet HTML 13Page - Unisonic Technologies PA2005 Datasheet HTML 14Page - Unisonic Technologies PA2005 Datasheet HTML 15Page - Unisonic Technologies PA2005 Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
15 of 16
www.unisonic.com.tw
QW-R107-035,D
TYPICAL CHARACTORISTICS (cont.)
0.8
0.4
1.2
10
103
10 2
10 4
f (Hz)
Figure 16. Distortion versus Frequency
(Stereo amplifier)
13
30
C3 (μF)
Figure17. Supply Voltage Rejection versusC3
(Stereo amplifier)
10
10
20
30
40
50
60
Vs=14.4V
fRIPPLE=100KHz
VRIPPLE
=0.5v
Gv=50dB
RL=3.2Ω
30
60
10
f (Hz)
10 2
10 3
20
Figure 18. Supply Voltage Rejection versus
Frequency(Stereo amplifier)
50
40
Vs=14.4V
Gv=50dB
C3=10μF
RG=0
RG=10KΩ
Po=2.5W
RL=1.6Ω
Po=2.5W
RL=3.2Ω
Vs=13.2V
Gv=50dB
12
10
Figure 19. Supply Voltage Rejection versus C2 and C3
(Stereo amplifier)
5
20
30
40
50
20
Vs=14.4V
R L =4Ω
Rg=10KΩ
Gv=390/1Ω
fRIPPLE =100Hz
C2=220 μF
C2=22 μF
C2=5 μF
C3 (μF)
12
10
C3 (μF)
Figure 20. Supply Voltage Rejection versus C2 and C3
(Stereo amplifier)
5
20
30
40
50
20
Vs=14.4V
RL=4Ω
Rg=10KΩ
Gv=1000/10Ω
t RIPPLE
C2=220 μF
C2=22 μF
C2=5 μF
=100Hz
4
30
VI (mV)
Figure 21. Gain versus Input Sensitivity
(Stereo amplifier)
10
54
50
46
42
38
34
Vs=14.4V
f=1KHz
RL=4 Ω
22
26
30
8
6
4
2
8
6
2
300
100
PoUT=6W
PoUT=0.5W
500
20
50
100
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com