Electronic Components Datasheet Search
  English  ▼

X  

PA2005 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # PA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2005 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button PA2005 Datasheet HTML 7Page - Unisonic Technologies PA2005 Datasheet HTML 8Page - Unisonic Technologies PA2005 Datasheet HTML 9Page - Unisonic Technologies PA2005 Datasheet HTML 10Page - Unisonic Technologies PA2005 Datasheet HTML 11Page - Unisonic Technologies PA2005 Datasheet HTML 12Page - Unisonic Technologies PA2005 Datasheet HTML 13Page - Unisonic Technologies PA2005 Datasheet HTML 14Page - Unisonic Technologies PA2005 Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 16
www.unisonic.com.tw
QW-R107-035,D
APPLICATION INFORMATION(Cont.)
Bridge Amplifier Circuit suited for Low-gain Applications (Gv=34dB)
+
1/2
-
+
1/2
-
12KΩ
12KΩ
MUTE
SWITCH
+Vs
Figure 1. Example of Muting Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com