Electronic Components Datasheet Search
  English  ▼

X  

PA2005 Datasheet(PDF) 16 Page - Unisonic Technologies

Part # PA2005
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA2005 Datasheet(HTML) 16 Page - Unisonic Technologies

Back Button PA2005 Datasheet HTML 8Page - Unisonic Technologies PA2005 Datasheet HTML 9Page - Unisonic Technologies PA2005 Datasheet HTML 10Page - Unisonic Technologies PA2005 Datasheet HTML 11Page - Unisonic Technologies PA2005 Datasheet HTML 12Page - Unisonic Technologies PA2005 Datasheet HTML 13Page - Unisonic Technologies PA2005 Datasheet HTML 14Page - Unisonic Technologies PA2005 Datasheet HTML 15Page - Unisonic Technologies PA2005 Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
PA2005
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
16 of 16
www.unisonic.com.tw
QW-R107-035,D
TYPICAL CHARACTORISTICS (cont.)
4
30
VI (mV)
Figure 22. Gain versus Input Sensitivity
(Stereo amplifier)
10
54
50
46
42
38
34
Vs=14.4V
f=1KHz
RL=2Ω
22
26
30
8
6
4
2
8
6
2
300
100
PoUT=10W
PoUT=0.5W
500
20
50
100
200
10
8
12
412
8
PoUT (W)
6
4
26
20
16
Figure 23. Total Power Dissipation and
Efficiency versus Output Power
(Bridge amplifier)
2
60
40
20
Vs=14.4V
RL=4Ω
f=1KHz
Gv=50dB
PD
η
4
2
6
2
6
4
12
10
8
Figure 24. Total Power Dissipation and
Efficiency versus Output Power
(Stereo amplifier)
60
40
20
Vs=13.2V
RL=3.2Ω
f=1KHz
Gv=50dB
PD
η
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com