Electronic Components Datasheet Search
  English  ▼

X  

TDA7377 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA7377
Description  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377 Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA7377 Datasheet HTML 1Page - Unisonic Technologies TDA7377 Datasheet HTML 2Page - Unisonic Technologies TDA7377 Datasheet HTML 3Page - Unisonic Technologies TDA7377 Datasheet HTML 4Page - Unisonic Technologies TDA7377 Datasheet HTML 5Page - Unisonic Technologies TDA7377 Datasheet HTML 6Page - Unisonic Technologies TDA7377 Datasheet HTML 7Page - Unisonic Technologies TDA7377 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R107-064.A
PIN CONNECTION
BLOCK DIAGRAM
2
15
14
10
9
8
6
11
12
5
7
4
13
3
1
VCC
VCC
IN 1
ST - BY
IN 2
IN 3
IN 4
PW - GND
SVR
S - GND
OUT 2
OUT 1
OUT 3
OUT 4
DIAGNOSTICS
+
-
+
-
+
-
+
-
A3
A2 1NV
A4 1NV
A1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com