Electronic Components Datasheet Search
  English  ▼

X  

TDA7377 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA7377
Description  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377 Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA7377 Datasheet HTML 1Page - Unisonic Technologies TDA7377 Datasheet HTML 2Page - Unisonic Technologies TDA7377 Datasheet HTML 3Page - Unisonic Technologies TDA7377 Datasheet HTML 4Page - Unisonic Technologies TDA7377 Datasheet HTML 5Page - Unisonic Technologies TDA7377 Datasheet HTML 6Page - Unisonic Technologies TDA7377 Datasheet HTML 7Page - Unisonic Technologies TDA7377 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R107-064.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Supply Voltage
VOP
18
V
DC Supply Voltage
VS
28
V
Peak Supply Voltage (for t = 50ms)
VS(PEAK)
50
V
not Repetitive t = 100µs
4.5
A
Output Peak Current
Repetitive f >10Hz
IO(PEAK)
3.5
A
Power Dissipation (TC= 85°C)
PD
36
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.8
°C/W
ELECTRICAL CHARACTERISTICS
(VS = 14.4V; RL = 4Ω; f = 1 KHz; Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Range
VS
8
18
V
IN
VI(ST-BY)
1.5
ST-BY Threshold Voltage
OUT
VO(ST-BY)
3.5
V
Voltage Saturation on pin 10
VSAT
Sink Current at Pin 10 = 1mA
0.7
V
Output Offset Voltage
VO(OFF)
150
mV
Non Inverting Channels
2
Rg = 0; S.E.
”A” weighted,
Inverting Channels
5
µV
Input Noise Voltage
eN
Bridge, Rg = 0; 22Hz ~ 22KHz
3.5
µV
Total Quiescent Drain Current
IQ
RL = ∞
150
mA
Max Driving Current Under Fault
5
mA
ST-BY Pin Current(pin 7)
IST-BY
Play Mode Vpin7 = 5V
50
µA
ST-BY Current Consumption
IST-BY
VST-BY = 0 ~ 1.5V
100
µA
OFF
ICD(OFF) d = 1% (Note 2)
90
µA
Clipping Detector Output
Average Current
ON
ICD(ON) d = 5% (Note 2)
160
µA
Single Ended
20
30
Input Impedance
RIN
Bridge
10
15
KΩ
Bridge
18
20
Single Ended
5.5
6
Output Power
POUT
THD = 10%;
RL = 4Ω
Single Ended, RL = 2Ω
10
W
Max
PO(MAX) VS = 14.4V, Bridge
31
35
W
Output Power (Note 3)
EIAJ
PO(EIAJ) VS = 13.7V, Bridge
27
30
W
Single Ended, POUT=0.1~4W
0.02
Distortion
THD
RL = 4Ω
Bridge, POUT = 0.1 ~ 10W
0.03
0.3
%
f = 1KHz Single Ended
f = 10KHz Single Ended
70
60
dB
dB
Cross Talk
CT
f = 1KHz Bridge
f = 10KHz Bridge
55
60
dB
dB
Single Ended
19
20
21
dB
Voltage Gain
GV
Bridge
25
26
27
dB
Voltage Gain Match
GV
0.5
dB
Supply Voltage Rejection
SVR
Rg = 0; f = 300Hz
50
dB
Stand-by Attenuation
AST-BY PO = 1W
80
90
dB
Note: 1. See built-in S/C protection description
2. Pin 10 Pulled-up to 5V with 10KΩ; RL = 4Ω
3. Saturated square wave output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com