Electronic Components Datasheet Search
  English  ▼

X  

TDA7377 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TDA7377
Description  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377 Datasheet(HTML) 6 Page - Unisonic Technologies

  TDA7377 Datasheet HTML 1Page - Unisonic Technologies TDA7377 Datasheet HTML 2Page - Unisonic Technologies TDA7377 Datasheet HTML 3Page - Unisonic Technologies TDA7377 Datasheet HTML 4Page - Unisonic Technologies TDA7377 Datasheet HTML 5Page - Unisonic Technologies TDA7377 Datasheet HTML 6Page - Unisonic Technologies TDA7377 Datasheet HTML 7Page - Unisonic Technologies TDA7377 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-064.A
TYPICAL APPLICATION INFORMATION
Diagnostics Facility note:
UTC TDA7377 built in a diagnostic circuitry, when following events appearing: clipping in the output signal,
thermal shutdown, and output fault including short to GND, short to VS and soft short at turn on.
When the event is detected, The information is available across an open collector output (pin 10) through a current
sinking (see Fig 4).The current sinking at pin 10 is triggered when a certain distortion level is reached at any of the
outputs. This function allows gain compression possibility whenever the amplifier is overdriven. The current sinking
at pin 10 also can be triggered When the IC’s operating temperature raise to about 10°C before the shutdown
threshold.
Normally the clip detector signaling produces a low level at pin 10 that is shorter than that present under faulty
conditions; This can be used to discriminate each event (clipping detection, output fault, thermal proximity).
UTC TDA7377
10
R
VREF
VPIN 10
Figure 4. Pin10 Diagnostic Circuitry
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com