Electronic Components Datasheet Search
  English  ▼

X  

TDA7377 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TDA7377
Description  2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7377 Datasheet(HTML) 5 Page - Unisonic Technologies

  TDA7377 Datasheet HTML 1Page - Unisonic Technologies TDA7377 Datasheet HTML 2Page - Unisonic Technologies TDA7377 Datasheet HTML 3Page - Unisonic Technologies TDA7377 Datasheet HTML 4Page - Unisonic Technologies TDA7377 Datasheet HTML 5Page - Unisonic Technologies TDA7377 Datasheet HTML 6Page - Unisonic Technologies TDA7377 Datasheet HTML 7Page - Unisonic Technologies TDA7377 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA7377
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-064.A
DIAGNOSTICS
1000μF
100nF
10μF
0.22μF
0.22μF
47μF
OUT R
OUT L
IN L
IN L
ST-BY
10K
VS
1
2
15
14
10
3
13
7
4
5
12
11
6
89
0.47μF
OUT
BRIDGE
IN BRIDGE
2200μF
2200μF
Figure 3. Stereo/Bridge



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com