Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 59Page - Texas Instruments CC1020 Datasheet HTML 60Page - Texas Instruments CC1020 Datasheet HTML 61Page - Texas Instruments CC1020 Datasheet HTML 62Page - Texas Instruments CC1020 Datasheet HTML 63Page - Texas Instruments CC1020 Datasheet HTML 64Page - Texas Instruments CC1020 Datasheet HTML 65Page - Texas Instruments CC1020 Datasheet HTML 66Page - Texas Instruments CC1020 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
CC1020
SWRS046E
Page 63 of 89
programmability. This eliminates the need
for an expensive TCXO and trimming in
some applications. For more details refer
to Application Note AN027 Temperature
Compensation available from the TI web
site.
In less demanding applications, a crystal
with low temperature drift and low aging
could
be
used
without
further
compensation. A trimmer capacitor in the
crystal oscillator circuit (in parallel with C5)
could be used to set the initial frequency
accurately.
The
frequency
offset
between
a
transmitter and receiver is measured in the
CC1020 and can be read back from the
AFC register. The measured frequency
offset can be used to calibrate the receiver
frequency using the transmitter as the
reference. For more details refer to
Application Note AN029 CC1020/1021
AFC available from the TI web site.
CC1020 also has the possibility to use
Gaussian shaped FSK (GFSK). This
spectrum-shaping
feature
improves
adjacent
channel
power
(ACP)
and
occupied bandwidth. In ‘true’ FSK systems
with
abrupt
frequency
shifting,
the
spectrum is inherently broad. By making
the frequency shift ‘softer’, the spectrum
can be made significantly narrower. Thus,
higher data rates can be transmitted in the
same bandwidth using GFSK.
Low cost systems
As the
CC1020 provides true narrowband
multi-channel performance without any
external filters, a very low cost high
performance system can be achieved. The
oscillator crystal can then be a low cost
crystal with 50 ppm frequency tolerance
using
the
on-chip
frequency
tuning
possibilities.
Battery operated systems
In low power applications, the power down
mode should be used when
CC1020 is not
being active. Depending on the start-up
time requirement, the oscillator core can
be powered during power down. See
section 17 on page 54 for information on
how effective power management can be
implemented.
High reliability systems
Using a SAW filter as a preselector will
improve the communication reliability in
harsh environments by reducing the
probability of blocking. The receiver
sensitivity and the output power will be
reduced due to the filter insertion loss. By
inserting the filter in the RX path only,
together with an external RX/TX switch,
only the receiver sensitivity is reduced and
output power is remained. The PA_EN
and LNA_EN pin can be configured to
control an external LNA, RX/TX switch or
power amplifier. This is controlled by the
INTERFACE register.
Frequency hopping spread spectrum
systems (FHSS)
Due to the very fast locking properties of
the PLL, the
CC1020 is also very suitable
for frequency hopping systems. Hop rates
of 1-100 hops/s are commonly used
depending on the bit rate and the amount
of
data
to
be
sent
during
each
transmission. The two frequency registers
(FREQ_A and FREQ_B) are designed
such that the ‘next’ frequency can be
programmed while the ‘present’ frequency
is used. The switching between the two
frequencies is done through the MAIN
register. Several features have been
included to do the hopping without a need
to re-synchronize the receiver. For more
details refer to Application Note AN014
Frequency Hopping Systems available
from the TI web site.
In order to implement a frequency hopping
system with
CC1020 do the following:
Set the desired frequency, calibrate and
store the following register settings in non-
volatile memory:
STATUS1[3:0]: CHP_CURRENT[3:0]
STATUS2[4:0]: VCO_ARRAY[4:0]
STATUS3[5:0]:VCO_CAL_CURRENT[5:0]
Repeat the calibration for each desired
frequency. VCO_CAL_CURRENT[5:0] is
not dependent on the RF frequency and
the same value can be used for all
frequencies.
When performing frequency hopping, write
the stored values to the corresponding
TEST1, TEST2 and TEST3 registers, and
enable override:
TEST1[3:0]: CHP_CO[3:0]
TEST2[4:0]: VCO_AO[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com