Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 85Page - Texas Instruments CC1020 Datasheet HTML 86Page - Texas Instruments CC1020 Datasheet HTML 87Page - Texas Instruments CC1020 Datasheet HTML 88Page - Texas Instruments CC1020 Datasheet HTML 89Page - Texas Instruments CC1020 Datasheet HTML 90Page - Texas Instruments CC1020 Datasheet HTML 91Page - Texas Instruments CC1020 Datasheet HTML 92Page - Texas Instruments CC1020 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
CC1020
SWRS046E
Page 89 of 89
Revision
Date
Description/Changes
SWRS046D
September 2009
Added reference to Application Note AN070 CC1020 Automatic Power-Up
Sequencing.
Interchanged XOSC_Q1 and XOSC_Q2 in figure 33 to reflect the reference
design.
Increased maximum RF frequency from 940 MHz to 960 MHz.
Added reference to ARIB STD-T96.
Updated Package Marking in Section 27.1
SWRS046E
January 2010
Chapter on Package Drawing and chapter on Recommended PCB Footprint
for Package removed from data sheet since this was duplicate information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com