Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 17Page - Texas Instruments CC1020 Datasheet HTML 18Page - Texas Instruments CC1020 Datasheet HTML 19Page - Texas Instruments CC1020 Datasheet HTML 20Page - Texas Instruments CC1020 Datasheet HTML 21Page - Texas Instruments CC1020 Datasheet HTML 22Page - Texas Instruments CC1020 Datasheet HTML 23Page - Texas Instruments CC1020 Datasheet HTML 24Page - Texas Instruments CC1020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
CC1020
SWRS046E
Page 21 of 89
8.
Configuration Overview
CC1020 can be configured to achieve
optimum
performance
for
different
applications. Through the programmable
configuration registers the following key
parameters can be programmed:
• Receive / transmit mode
• RF output power
• Frequency synthesizer key parameters:
RF output frequency, FSK frequency
separation, crystal oscillator reference
frequency
• Power-down / power-up mode
• Crystal oscillator power-up / power-
down
• Data rate and data format (NRZ,
Manchester coded or UART interface)
• Synthesizer lock indicator mode
• Digital RSSI and carrier sense
• FSK / GFSK / OOK modulation
8.1.
Configuration Software
TI provides users of
CC1020 with a
software
program,
SmartRF®
Studio
(Windows interface) that generates all
necessary
CC1020 configuration data
based on the user’s selections of various
parameters. These hexadecimal numbers
will then be the necessary input to the
microcontroller for the configuration of
CC1020. In addition, the program will
provide the user with the component
values
needed
for
the
input/output
matching circuit, the PLL loop filter and the
LC filter.
Figure 5 shows the user interface of the
CC1020 configuration software.
Figure 5. SmartRF® Studio user interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com