Electronic Components Datasheet Search
  English  ▼

X  

CC1020 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CC1020
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC1020 Datasheet HTML 62Page - Texas Instruments CC1020 Datasheet HTML 63Page - Texas Instruments CC1020 Datasheet HTML 64Page - Texas Instruments CC1020 Datasheet HTML 65Page - Texas Instruments CC1020 Datasheet HTML 66Page - Texas Instruments CC1020 Datasheet HTML 67Page - Texas Instruments CC1020 Datasheet HTML 68Page - Texas Instruments CC1020 Datasheet HTML 69Page - Texas Instruments CC1020 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
CC1020
SWRS046E
Page 66 of 89
26.1. CC1020 Register Overview
ADDRESS
Byte Name
Description
00h
MAIN
Main control register
01h
INTERFACE
Interface control register
02h
RESET
Digital module reset register
03h
SEQUENCING
Automatic power-up sequencing control register
04h
FREQ_2A
Frequency register 2A
05h
FREQ_1A
Frequency register 1A
06h
FREQ_0A
Frequency register 0A
07h
CLOCK_A
Clock generation register A
08h
FREQ_2B
Frequency register 2B
09h
FREQ_1B
Frequency register 1B
0Ah
FREQ_0B
Frequency register 0B
0Bh
CLOCK_B
Clock generation register B
0Ch
VCO
VCO current control register
0Dh
MODEM
Modem control register
0Eh
DEVIATION
TX frequency deviation register
0Fh
AFC_CONTROL
RX AFC control register
10h
FILTER
Channel filter / RSSI control register
11h
VGA1
VGA control register 1
12h
VGA2
VGA control register 2
13h
VGA3
VGA control register 3
14h
VGA4
VGA control register 4
15h
LOCK
Lock control register
16h
FRONTEND
Front end bias current control register
17h
ANALOG
Analog modules control register
18h
BUFF_SWING
LO buffer and prescaler swing control register
19h
BUFF_CURRENT
LO buffer and prescaler bias current control register
1Ah
PLL_BW
PLL loop bandwidth / charge pump current control register
1Bh
CALIBRATE
PLL calibration control register
1Ch
PA_POWER
Power amplifier output power register
1Dh
MATCH
Match capacitor array control register, for RX and TX impedance matching
1Eh
PHASE_COMP
Phase error compensation control register for LO I/Q
1Fh
GAIN_COMP
Gain error compensation control register for mixer I/Q
20h
POWERDOWN
Power-down control register
21h
TEST1
Test register for overriding PLL calibration
22h
TEST2
Test register for overriding PLL calibration
23h
TEST3
Test register for overriding PLL calibration
24h
TEST4
Test register for charge pump and IF chain testing
25h
TEST5
Test register for ADC testing
26h
TEST6
Test register for VGA testing
27h
TEST7
Test register for VGA testing
40h
STATUS
Status information register (PLL lock, RSSI, calibration ready, etc.)
41h
RESET_DONE
Status register for digital module reset
42h
RSSI
Received signal strength register
43h
AFC
Average received frequency deviation from IF (can be used for AFC)
44h
GAUSS_FILTER
Digital FM demodulator register
45h
STATUS1
Status of PLL calibration results etc. (test only)
46h
STATUS2
Status of PLL calibration results etc. (test only)
47h
STATUS3
Status of PLL calibration results etc. (test only)
48h
STATUS4
Status of ADC signals (test only)
49h
STATUS5
Status of channel filter “I” signal (test only)
4Ah
STATUS6
Status of channel filter “Q” signal (test only)
4Bh
STATUS7
Status of AGC (test only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com