Electronic Components Datasheet Search
  English  ▼

X  

PSB2134 Datasheet(PDF) 70 Page - Siemens Semiconductor Group

Part # PSB2134
Description  Two Channel Codec Filter for Terminal Applications SICOFI2-TE
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2134 Datasheet(HTML) 70 Page - Siemens Semiconductor Group

Back Button PSB2134 Datasheet HTML 66Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 67Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 68Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 69Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 70Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 71Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 72Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 73Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 74Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
PSB 2132
PSB 2134
Proposed Test Circuit
Semiconductor Group
70
09.97
5
Proposed Test Circuit
Figure 28
ITS09779
64
63
62
61
1F
10 F
10 F
1F
220 nF
F
1
10
F
10
52
53
54
55
1
60
59
58
57
56
DDA34
V
DDA12
V
IN4
V
GNDA4
GNDA3
V
OUT4
V
DDA34
V
OUT3
IN3
V
DDREF
V
REF
V
IN2
V
GNDA2
GNDA1
OUT2
V
DDA12
V
OUT1
V
IN1
V
12
3
4
5
6
11
12
13
14
15
7
8
9
10
16
41
42
43
44
45
46
47
48
40
39
38
37
36
35
34
33
1-10 F
+
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CS
DCLK
DIN
DOUT
GNDD
DCL
RESET
DU
DD
DD
DU
FSC
Ba
DDD
V
1 = SI3_1
2 = SI3_0
47 = SI2_0
48 = SI2_1
33 = RGEN
16 = CHCLK
PSB 2132/4
SICOFI 2/4-TE
R
GNDA2
GNDA1
DDA12
V
V
DDREF
GNDA3
GNDA4
DDA34
V
GNDA4
GNDA3
V
DDA34
DCL
V
DDD
GNDD
GNDA2
V
DDREF
V
DDA12
GNDA1
OUT4
V
IN4
V
V
OUT3
IN3
V
V
IN2
OUT2
V
OUT1
V
V
IN1
*
*
*
*
*
*
PC
Printer-Port
(25 pin SUB-D plug)
(9-pol. SUB-D plug)
22
61
21
20
PCM4
as near as possible
to the pin
220 nF an
V
REF
= Banana-Bush
BNC-Bush
=
Filter-Cs:
*
+
100 nF SMD
as near as possible
to the pin
2.2 F Ta-Cap.
All resistors:
app. 680 k
Ω
51
50
49
= Test-Point
µ
µ
µ
µ
µ
µ
µ
µF
µF
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com