Electronic Components Datasheet Search
  English  ▼

X  

PSB2134 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # PSB2134
Description  Two Channel Codec Filter for Terminal Applications SICOFI2-TE
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2134 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button PSB2134 Datasheet HTML 4Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 5Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 6Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 7Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 8Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 9Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 10Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 11Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
PSB 2132
PSB 2134
Overview
Semiconductor Group
8
09.97
1.3
Pin Definition and Functions
Pin No. Symbol
Input (I)
Output (O)
Function
Common Pins for all Channels
24
V
DDD
I
+ 5 V supply for the digital circuitry
1)
21
GNDD
I
Ground Digital, not internally connected to
GNDA1,2,(3,4)
All digital signals are referred to this pin
52
V
DDA12
I
+ 5 V Analog supply voltage for channel 1 and 2
1)
56
V
REF
I/O
Reference voltage, has to be connected to a 220 nF
cap. to ground, can also be used as virtual ground
for analog inputs and outputs (high-ohmic buffer
needed !!!)
57
V
DDREF
I
+ 5 V Analog supply voltage (100 nF cap. required)
31
FSC
I
Frame synchronization clock, 8 kHz, identifies the
beginning of the frame, individual time slots are
referenced to this pin, FSC must be synchronous to
DCL and BCL
32
BCL
I
IOM-2 bit clock 768 kHz, determines the rate at
which PCM data is shifted into or out of the
PCM-ports
26,30
DU
I/O
IOM-2 Data Upstream interface. Transmits or
receives PCM data in 8 bit bursts. Both pins must be
connected together.
27,29
DD
I/O
IOM-2 Data Downstream interface. Transmits or
receives PCM data in 8 bit bursts. Both pins must be
connected together.
23
RESET
I
Reset input - forces the device to default mode,
active low
22
DCL
I
Master clock input 1536 kHz, synchronous to FSC,
must be available if the SICOFI2/4-TE is operating
17
CS
I
µ-Controller interface: chip select enable to read or
write data, active low
18
DCLK
I
µ-Controller interface: data clock, shifts data from or
to device, the maximum clock rate is 8192 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com