Electronic Components Datasheet Search
  English  ▼

X  

PSB2134 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # PSB2134
Description  Two Channel Codec Filter for Terminal Applications SICOFI2-TE
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2134 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button PSB2134 Datasheet HTML 35Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 36Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 37Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 38Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 39Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 40Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 41Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 42Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
PSB 2132
PSB 2134
Programming the SICOFI
®-2/4-TE
Semiconductor Group
39
09.97
3.4
COP Command
With a COP command coefficients for the programmable filters can be written to the
SICOFI-2/4-TE coefficient-RAM or read from the Coefficient-RAM via the
µ-Controller
interface for verification
Bit 7
0
AD2
AD1
RW
0
CODE3
CODE2
CODE1
CODE0
AD2-1
Address
AD2-1 = 0 0
SICOFI2/4-TE- channel 1 is addressed
AD2-1 = 0 1
SICOFI2/4-TE- channel 2 is addressed
AD2-1 = 1 0
SICOFI2/4-TE- channel 3 is addressed (PSB 2134
only)
AD2-1 = 1 1
SICOFI2/4-TE- channel 4 is addressed (PSB 2134
only)
RW
Read/Write
RW = 0
Subsequent data is written to the SICOFI2/4-TE
RW = 1
Read data from SICOFI2/4-TE
CODE
3-0
Includes number of following bytes and filter-address
0
0
0
0 TH-Filter coefficients (part 1)
(followed by 8 bytes of data)
0
0
0
1 TH-Filter coefficients (part 2)
(followed by 8 bytes of data)
0
0
1
0 TH-Filter coefficients (part 3)
(followed by 8 bytes of data)
0
1
0
0 IM/R1-Filter coefficients (part 1) (followed by 8 bytes of data)
0
1
0
1 IM/R1-Filter coefficients (part 2) (followed by 8 bytes of data)
0
1
1
0 FRX-Filter coefficients
(followed by 8 bytes of data)
0
1
1
1 FRR-Filter coefficients
(followed by 8 bytes of data)
1
0
0
0 AX-Filter coefficients
(followed by 4 bytes of data)
1
0
0
1 AR-Filter coefficients
(followed by 4 bytes of data)
1
1
0
0 TG 1- coefficients
(followed by 4 bytes of data)
1
1
0
1 TG 2- coefficients
(followed by 4 bytes of data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com