Electronic Components Datasheet Search
  English  ▼

X  

PSB2134 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # PSB2134
Description  Two Channel Codec Filter for Terminal Applications SICOFI2-TE
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB2134 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button PSB2134 Datasheet HTML 9Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 10Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 11Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 12Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 13Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 14Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 15Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 16Page - Siemens Semiconductor Group PSB2134 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
PSB 2132
PSB 2134
Functional Description
Semiconductor Group
13
09.97
2
Functional Description
2.1
System Integration
The SICOFI2/4-TE is connected to an IOM-2 compatible transceiver such as the PEB
8191 INTC-Q for U-interface or NT-applications or the PSB 2186 ISAC-S TE or PSB
2115 IPAC for S/T-interface applications. The FSC output is connected to the FSC input
on the SICOFI2/4-TE. The DCL output of the transceiver is fed to the DCL input of the
SICOFI2/4-TE which is used as master clock. For transferring PCM data, the bit clock
signal of the transceiver (BCL, 768 kHz) is connected to the SICOFI2/4-TE.
Figure 2
ITS09785
IOM
-2
R
SICOFI
2/4-TE
R
PSB 2132/4
SLIC
Tip/
Ring
Tip/
Ring
SLIC
Tip/
Ring
SLIC
Tip/
Ring
SLIC
C
PSB 2186
ISAC
S-TE
R
µ
S o
BCL
ITS09800
SICOFI 2/4-TE
R
PSB 2132/4
SLIC
Tip/Ring
PEB 8191
INTC-Q
U
SLIC
Tip/Ring
µC
IOM -2
R
BCL
So
ITS09801
IOM -2
R
SICOFI 2/4-TE
R
PSB 2132/4
SLIC
Tip/
Ring
Tip/
Ring
SLIC
ISA PnP IF
PSB 2115
IPAC
So
BCL
AUX
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com