Electronic Components Datasheet Search
  English  ▼

X  

PSB7115 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # PSB7115
Description  Enhanced ISDN Data Access Controller ISAR 34
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7115 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button PSB7115 Datasheet HTML 9Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 10Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 11Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 12Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 13Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 14Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 15Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 16Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 264 page
background image
PSB 7115
General Information
Semiconductor Group
13
02.98
1.2
System Integration
1.2.1
ISDN PC/Workstation Adapter with S-Interface
The ISDN PC or Workstation Adapter is based on the ISAR 34. A PSB 2186, ISAC-S TE
forms the S-transceiver and the ISAR 34 provides the HDLC controller to perform the D-
channel signalling protocol. External circuitry is required for the S-interfaces which
includes the transformer and protection circuitry. The host interface of the ISAR 34 is
connected to the host bus.
Figure 1
ISDN PC/Workstation Adapter with S-Interface
The ISAR 34 supports HDLC based applications like file transfer, access to packet
switches (X.75, V.120, PPP). It also supports communication to terminal adapters which
perform bit rate adaptation according to V.110.
A special feature of the ISAR 34 is its support for analog fax/modem applications.
Therefore, PCM data is converted to linear data and handled by a V.34bis/V.17 data
pump to support data rates up to 33600 bit/s (V.34bis) and 14400 bit/s (V.17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com