Electronic Components Datasheet Search
  English  ▼

X  

PSB7115 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # PSB7115
Description  Enhanced ISDN Data Access Controller ISAR 34
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7115 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button PSB7115 Datasheet HTML 17Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 18Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 19Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 20Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 21Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 22Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 23Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 24Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 264 page
background image
PSB 7115
General Information
Semiconductor Group
21
02.98
1.5.1
Pin Description
Pin No.
Symbol
Input (I)
Output (O)
Function
Parallel Host Interface
14
13
12
11
8
7
6
5
AD0/D0
AD1/D1
AD2/D2
AD3/D3
AD4/D4
AD5/D5
AD6/D6
AD7/D7
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Multiplexed Bus Mode: Address/Data Bus
Transfers addresses and data between the host and
the ISAR 34.
Demultiplexed Bus Mode: Data Bus
Transfers data between the host and the ISAR 34.
32
31
30
29
26
25
24
23
A0
A1
A2
A3
A4
A5
A6
A7
I
I
I
I
I
I
I
I
Demultiplexed Bus Mode (only): Address Bus
Transfers address from the host to the ISAR 34.
These pins are not used in multiplexed bus mode,
therefore they should be tied to VDD in this mode.
3RD
DS
I
I
Read
This signal indicates a read operation.
(Siemens/Intel bus mode).
Data Strobe
The rising edge marks the end of a valid read or write
operation. (Motorola bus mode).
4WR
R/W
I
I
Write
This signal indicates a write operation.
(Siemens/Intel bus mode).
Read/Write
A "1" identifies a valid host access as a read
operation. A "0" identifies the access as a write
operation. (Motorola bus mode).
2CS
I
Chip Select
A "0" on this line selects the ISAR 34 for a read/write
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com