Electronic Components Datasheet Search
  English  ▼

X  

PSB7115 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # PSB7115
Description  Enhanced ISDN Data Access Controller ISAR 34
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7115 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button PSB7115 Datasheet HTML 35Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 36Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 37Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 38Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 39Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 40Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 41Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 42Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 264 page
background image
PSB 7115
Functional Description
Semiconductor Group
39
02.98
2.4
Communications Interface
The ISAR 34 provides a communications interface in terms of a 256 byte mailbox per
direction, a 16 bit control word and an 8 bit interrupt register.
Besides that, there is a reset bit (bit 0 of register 08h), an interrupt mask/status bit (bit 2
of register 07h) and two interrupt acknowledge bits (LSB of address location 04h and
03h, respectively).
The address map is shown in figure 18, all other address locations are not used.
Figure 18 Host Interface Registers
Software Reset Bit (08h Write/Read)
The ISAR 34 is reset by setting and resetting this bit. It has a similar functionality as a
hardware reset except this register itself is not affected and the RESET pin is not
activated, i.e. the Software Reset has only effect on the internal functions of the ISAR 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com