Electronic Components Datasheet Search
  English  ▼

X  

PSB7115 Datasheet(PDF) 26 Page - Siemens Semiconductor Group

Part # PSB7115
Description  Enhanced ISDN Data Access Controller ISAR 34
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7115 Datasheet(HTML) 26 Page - Siemens Semiconductor Group

Back Button PSB7115 Datasheet HTML 22Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 23Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 24Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 25Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 26Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 27Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 28Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 29Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 30Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 264 page
background image
PSB 7115
General Information
Semiconductor Group
26
02.98
Power Supply
10
28
41
54
62
70
80
88
96
104
118
130
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
I
I
I
I
I
I
I
I
I
I
I
I
Ground (common to V
DD and VDDP)
9
27
40
53
61
69
79
87
95
103
117
129
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
V
DD
I
I
I
I
I
I
I
I
I
I
I
I
Positive power supply voltage (3.0 - 3.6 V)
36
112
V
DDP
V
DDP
I
I
Positive power supply voltage (4.5 - 5.5 V)
134
V
SSA
I
Separate analog ground (0 V)
for Clock Generation Unit.
131
V
DDA
I
Separate analog positive power supply voltage
(3.0 - 3.6 V) for Clock Generation Unit.
1.5.1
Pin Description
Pin No.
Symbol
Input (I)
Output (O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com