Electronic Components Datasheet Search
  English  ▼

X  

ADIS16488 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 9Page - Analog Devices ADIS16488 Datasheet HTML 10Page - Analog Devices ADIS16488 Datasheet HTML 11Page - Analog Devices ADIS16488 Datasheet HTML 12Page - Analog Devices ADIS16488 Datasheet HTML 13Page - Analog Devices ADIS16488 Datasheet HTML 14Page - Analog Devices ADIS16488 Datasheet HTML 15Page - Analog Devices ADIS16488 Datasheet HTML 16Page - Analog Devices ADIS16488 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADIS16488
Rev. B | Page 13 of 36
Name
R/W
Flash
PAGE_ID
Address
Default
Register Description
Format
XA_ALM_MAGN
R/W
Yes
0x03
0x2E
0x0000
Alarm, x-axis accelerometer threshold
Table 103
YA_ALM_MAGN
R/W
Yes
0x03
0x30
0x0000
Alarm, y-axis accelerometer threshold
Table 104
ZA_ALM_MAGN
R/W
Yes
0x03
0x32
0x0000
Alarm, z-axis accelerometer threshold
Table 105
XM_ALM_MAGN
R/W
Yes
0x03
0x34
0x0000
Alarm, x-axis magnetometer threshold
Table 106
YM_ALM_MAGN
R/W
Yes
0x03
0x36
0x0000
Alarm, y-axis magnetometer threshold
Table 107
ZM_ALM_MAGN
R/W
Yes
0x03
0x38
0x0000
Alarm, z-axis magnetometer threshold
Table 108
BR_ALM_MAGN
R/W
Yes
0x03
0x3A
0x0000
Alarm, barometer threshold setting
Table 109
Reserved
N/A
N/A
0x03
0x3C to 0x76
N/A
Reserved
N/A
FIRM_REV
R
Yes
0x03
0x78
N/A
Firmware revision
Table 50
FIRM_DM
R
Yes
0x03
0x7A
N/A
Firmware programming date: day/month
Table 51
FIRM_Y
R
Yes
0x03
0x7C
N/A
Firmware programming date: year
Table 52
Reserved
N/A
N/A
0x03
0x7E
N/A
Reserved
N/A
Reserved
N/A
N/A
0x04
0x00 to 0x18
N/A
Reserved
N/A
SERIAL_NUM
R
Yes
0x04
0x20
N/A
Serial number
Table 54
Reserved
N/A
N/A
0x04
0x22 to 0x7F
N/A
Reserved
N/A
FIR_COEF_Axxx
R/W
Yes
0x05
0x00 to 0x7E
N/A
FIR Filter Bank A, Coefficients 0 through 59
Table 59
FIR_COEF_Axxx
R/W
Yes
0x06
0x00 to 0x7E
N/A
FIR Filter Bank A, Coefficients 60 through 119
Table 59
FIR_COEF_Bxxx
R/W
Yes
0x07
0x00 to 0x7E
N/A
FIR Filter Bank B, Coefficients 0 through 59
Table 60
FIR_COEF_Bxxx
R/W
Yes
0x08
0x00 to 0x7E
N/A
FIR Filter Bank B, Coefficients 60 through 119
Table 60
FIR_COEF_Cxxx
R/W
Yes
0x09
0x00 to 0x7E
N/A
FIR Filter Bank C, Coefficients 0 through 59
Table 61
FIR_COEF_Cxxx
R/W
Yes
0x0A
0x00 to 0x7E
N/A
FIR Filter Bank C, Coefficients 60 through 119
Table 61
FIR_COEF_Dxxx
R/W
Yes
0x0B
0x00 to 0x7E
N/A
FIR Filter Bank D, Coefficients 0 through 59
Table 62
FIR_COEF_Dxxx
R/W
Yes
0x0C
0x00 to 0x7E
N/A
FIR Filter Bank D, Coefficients 60 through 119
Table 62
1
The GPIO_CTRL[7:4] bits reflect the logic levels on the DIOx lines and do not have a default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com