Electronic Components Datasheet Search
  English  ▼

X  

ADIS16488 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 12Page - Analog Devices ADIS16488 Datasheet HTML 13Page - Analog Devices ADIS16488 Datasheet HTML 14Page - Analog Devices ADIS16488 Datasheet HTML 15Page - Analog Devices ADIS16488 Datasheet HTML 16Page - Analog Devices ADIS16488 Datasheet HTML 17Page - Analog Devices ADIS16488 Datasheet HTML 18Page - Analog Devices ADIS16488 Datasheet HTML 19Page - Analog Devices ADIS16488 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 16 of 36
The registers that use the x_DELTANG_LOW format provide
additional resolution for the gyroscope measurements (see
Table 28, Table 29, and Table 30). The MSB has a weight of
~0.011° (720°/216), and each subsequent bit carries a weight of
½ of the previous one.
Table 28. X_DELTANG_LOW (Page 0, Base Address = 0x40)
Bits
Description
[15:0]
X-axis delta angle data; additional resolution bits
Table 29. Y_DELTANG_LOW (Page 0, Base Address = 0x44)
Bits
Description
[15:0]
Y-axis delta angle data; additional resolution bits
Table 30. Z_DELTANG_LOW (Page 0, Base Address = 0x48)
Bits
Description
[15:0]
Z-axis delta angle data; additional resolution bits
DELTA VELOCITY
The delta velocity outputs represent an integration of the
accelerometer measurements and use the following formula
for all three axes (x-axis displayed):
(
)
S
S
n
x
n
x
S
x
f
RATE
DEC
Δt
a
a
t
1
_
;
2
,
1
,
+
=
+
×
=
+
θ
where:
ax is the accelerometer, x-axis.
ΔtS is the time between samples.
When using the internal sample clock, fS is equal to 2.46 kHz.
When using the external clock option, the time between samples
is the time between active edges on the input clock signal, as
measured by the internal clock (252 MHz). See Table 55 for
more information on the DEC_RATE register. The registers
that use the x_DELTVEL_OUT format are the primary registers
for the delta velocity calculations. When processing data from
these registers, use a 16-bit, twos complement data format (see
Table 31, Table 32, and Table 33). Table 34 provides
x_DELTVEL_OUT digital coding examples.
Table 31. X_DELTVEL_OUT (Page 0, Base Address = 0x4E)
Bits
Description
[15:0]
X-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 – 1) = ~6.104 mm/sec
Table 32. Y_DELTVEL_OUT (Page 0, Base Address = 0x52)
Bits
Description
[15:0]
Y-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 − 1) = ~6.104 mm/sec
Table 33. Z_DELTVEL_OUT (Page 0, Base Address = 0x56)
Bits
Description
[15:0]
Z-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 − 1) = ~6.104 mm/sec
Table 34. x_DELTVEL_OUT, Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+160 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+400/215
+2
0x0002
0000 0000 0000 0010
+200/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−200/215
−1
0xFFFF
1111 1111 1111 1111
−400/215
−2
0xFFFE
1111 1111 1111 1110
−160
−32,768
0x8000
1000 0000 0000 0000
The registers that use the x_DELTVEL_LOW naming format
provide additional resolution for the gyroscope measurements
(see Table 35, Table 36, and Table 37). The MSB has a weight
of ~3.052 mm/sec (200 m/sec ÷ 216), and each subsequent bit
carries a weight of ½ of the previous one.
Table 35. X_DELTVEL_LOW (Page 0, Base Address = 0x4C)
Bits
Description
[15:0]
X-axis delta velocity data; additional resolution bits
Table 36. Y_DELTVEL_LOW (Page 0, Base Address = 0x50)
Bits
Description
[15:0]
Y-axis delta velocity data; additional resolution bits
Table 37. Z_DELTVEL_LOW (Page 0, Base Address = 0x54)
Bits
Description
[15:0]
Z-axis delta velocity data; additional resolution bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com