Electronic Components Datasheet Search
  English  ▼

X  

ADIS16488 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 16Page - Analog Devices ADIS16488 Datasheet HTML 17Page - Analog Devices ADIS16488 Datasheet HTML 18Page - Analog Devices ADIS16488 Datasheet HTML 19Page - Analog Devices ADIS16488 Datasheet HTML 20Page - Analog Devices ADIS16488 Datasheet HTML 21Page - Analog Devices ADIS16488 Datasheet HTML 22Page - Analog Devices ADIS16488 Datasheet HTML 23Page - Analog Devices ADIS16488 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 20 of 36
DIGITAL SIGNAL PROCESSING
GYROSCOPES/ACCELEROMETERS
Figure 20 provides a signal flow diagram for all of the compo-
nents and settings that influence the frequency response for
the accelerometers and gyroscopes. The sample rate for each
accelerometer and gyroscope is 9.84 kHz. Each sensor has
its own averaging/decimation filter stage, which reduces the
update rate to 2.46 kSPS. When using the external clock option
(FNCTIO_CTRL[7:4], see Table 117), the input clock drives a
4-sample burst at a sample rate of 9.84kSPS, which feeds into
the 4x averaging/decimation filter. This results in a data rate
that is equal to the input clock frequency.
AVERAGING/DECIMATION FILTER
The DEC_RATE register (see Table 55) provides user control for
the final filter stage (see Figure 20), which averages and decimates
the accelerometers, gyroscopes, delta angle, and delta velocity data.
The output sample rate is equal to 2460/(DEC_RATE + 1). When
using the external clock option (FNCTIO_CTRL[7:4], see Table
117), replace the “2460” number in this relationship, with the input
clock frequency. For example, turn to Page 3 (DIN = 0x8003),
and set DEC_RATE = 0x18 (DIN = 0x8C18, then DIN = 0x8D00)
to reduce the output sample rate to 98.4 SPS (2460 ÷ 25).
Table 55. DEC_RATE (Page 3, Base Address = 0x0C)
Bits
Description (Default = 0x0000)
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 2047
See Figure 20 for impact on sample rate
MAGNETOMETER/BAROMETER
When using the internal sampling clock, the magnetometer
output registers (xMAGN_OUT) update at a rate of 102.5 SPS
and the barometer output registers (BARO_xxx) update at a rate
of 51.25 SPS. When using the external clock, the magnetome-
ters update at a rate of 1/24th of the input clock frequency and
the barometers update at a rate that is 1/48th of the input clock
frequency. The update rates for the magnetometer and barome-
ters do not change with the DEC_RATE register settings.
SYS_E_FLAG[9:8] (see Table 47) offers new data bits for these
registers and the SEQ_CNT register provides a counter function
to help determine when there is new data in the magnetometer
and barometer registers. When SEQ_CNT = 0x0001, there is
new data in the magnetometer and barometer output registers.
The SEQ_CNT register can be useful during initialization to
help synchronize read loops for new data in both magnetometer
and barometer outputs. When beginning a continuous read loop,
read SEQ_CNT, then subtract this value from the maximum value
shown (range) in Table 56 to calculate the number of internal
sample cycles until both magnetometer and barometer data is
new.
Table 56. SEQ_CNT (Page 0, Base Address = 0x06)
Bits
Description
[15:11]
Don’t care
[6:0]
Binary counter: range = 1 to 48/(DEC_RATE + 1)
MEMS
SENSOR
330Hz
÷4
2.46kHz, fs
GYROSCOPE
2-POLE: 404Hz, 757Hz
ACCELEROMETER
1-POLE: 330Hz
AVERAGE
DECIMATION
FILTER
SELECTABLE
FIR FILTER BANK
FILTR_BNK_0
FILTR_BNK_1
AVERAGE/DECIMATION FILTER
D = DEC_RATE[10:0] + 1
1
4
4
÷D
1
D
D
FIR
FILTER
BANK
fs
INTERNAL
CLOCK
9.84kHz
DIOx
OPTIONAL INPUT CLOCK
FNCTIO_CTRL[7] = 1
fs < 2400Hz
NOTES
1. WHEN FNCTIO_CTRL[7] = 1, EACH CLOCK PULSE ON THE DESIGNATED DIOx LINE (FNCTIO_CTRL[5:4]) STARTS A 4-SAMPLE BURST,
AT A SAMPLE RATE OF 9.84kHz. THESE FOUR SAMPLES FEED INTO THE 4x AVERAGE/DECIMATION FILTER, WHICH PRODUCES A
DATA RATE THAT IS EQUAL TO THE INPUT CLOCK FREQUENCY.
Figure 20. Sampling and Frequency Response Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com