Electronic Components Datasheet Search
  English  ▼

X  

ADIS16488 Datasheet(PDF) 26 Page - Analog Devices

Part # ADIS16488
Description  Ten Degrees of Freedom Inertial Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIS16488 Datasheet HTML 22Page - Analog Devices ADIS16488 Datasheet HTML 23Page - Analog Devices ADIS16488 Datasheet HTML 24Page - Analog Devices ADIS16488 Datasheet HTML 25Page - Analog Devices ADIS16488 Datasheet HTML 26Page - Analog Devices ADIS16488 Datasheet HTML 27Page - Analog Devices ADIS16488 Datasheet HTML 28Page - Analog Devices ADIS16488 Datasheet HTML 29Page - Analog Devices ADIS16488 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADIS16488
Data Sheet
Rev. B | Page 26 of 36
BAROMETERS
The BR_BIAS_HIGH register (see Table 98) and
BR_BIAS_LOW register (Table 99) provide an offset
control function and use the same format as the output
registers, BAROM_OUT and BAROM_LOW.
Table 98. BR_BIAS_HIGH (Page 2, Base Address = 0x42)
Bits
Description (Default = 0x0000)
[15:0]
Barometric pressure bias correction factor, high word
Twos complement, ±1.3 bar measurement range,
0 bar = 0x0000, 1 LSB = 40 µbar
Table 99. BR_BIAS_LOW (Page 2, Base Address = 0x40)
Bits
Description (Default = 0x0000)
[15:0]
Barometric pressure bias correction factor, low word
Twos complement, ±1.3 bar measurement range,
0 bar = 0x0000, 1 LSB = 40 µbar ÷ 216 = ~0.00061 µbar
RESTORING FACTORY CALIBRATION
Turn to Page 3 (DIN = 0x8003) and set GLOB_CMD[6] = 1
(DIN = 0xA240, DIN = 0xA300) to execute the factory
calibration restore function. This function resets each user
calibration register to zero, resets all sensor data to 0, and
automatically updates the flash memory within 72 ms. See
Table 114 for more information on GLOB_CMD.
POINT OF PERCUSSION ALIGNMENT
CONFIG[6] offers a point of percussion alignment function
that maps the accelerometer sensors to the corner of the package
identified in Figure 24. To activate this feature, turn to Page 3
(DIN = 0x8003), then set CONFIG[6] = 1 (DIN = 0x8A40,
DIN = 0x8B00). See Table 74 for more information on the
CONFIG register.
PIN 1
PIN 23
POINT OF PERCUSSION
ALIGNMENT REFERENCE POINT.
SEE CONFIG[6].
Figure 24. Point of Percussion Reference Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com