Electronic Components Datasheet Search
  English  ▼

X  

ADP1048 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1048
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1048 Datasheet HTML 2Page - Analog Devices ADP1048 Datasheet HTML 3Page - Analog Devices ADP1048 Datasheet HTML 4Page - Analog Devices ADP1048 Datasheet HTML 5Page - Analog Devices ADP1048 Datasheet HTML 6Page - Analog Devices ADP1048 Datasheet HTML 7Page - Analog Devices ADP1048 Datasheet HTML 8Page - Analog Devices ADP1048 Datasheet HTML 9Page - Analog Devices ADP1048 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 6 of 84
SPECIFICATIONS
VDD = 3.3 V, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
Normal operation (PSON high) and no load
on PWM output
17
40
mA
Supply Current for Programming
IDD_PK
During EEPROM programming (50 ms)
IDD + 8
mA
Shutdown Current
IDD_SD
100
μA
POWER-ON RESET
Power-On Reset
VDD rising
1.8
3
V
Undervoltage Lockout
UVLO
VDD falling
2.75
2.85
2.95
V
Overvoltage Lockout
OVLO
3.7
3.9
4.1
V
VCORE PIN
Output Voltage Range
Temperature = 25°C
2.26
2.45
2.65
V
PWM OUTPUTS
PWM, PWM2 pins
Output Low Voltage
VPWMOL
Sink current = 10 mA
0.4
V
Output High Voltage
VPWMOH
Source current = 10 mA
VDD −
0.4
V
Rise Time
CLOAD = 50 pF
4
ns
Fall Time
CLOAD = 50 pF
4
ns
VAC ADC
Input Voltage Range
0
1.6
V
Leakage Current
5
μA
Equivalent Resolution
11
Bits
Voltage Sense Measurement
Accuracy
From 2.5% to 97.5% of input voltage range
VDD = 3.3 V
−1.3
+1.3
% FSR
VDD varies from 3.0 V to 3.6 V
−1.99
+1.99
% FSR
VFB ADC
Input Voltage Range
0
1.6
V
Equivalent Resolution
11
Bits
Voltage Sense Measurement
Accuracy
From 2.5% to 97.5% of input voltage range
VDD = 3.3 V
−1.2
+1.2
% FSR
VDD varies from 3.0 V to 3.6 V
−1.72
+1.72
% FSR
CURRENT SENSE ADC
High Input Voltage Range
0
750
mV
Low Input Voltage Range
0
500
mV
Equivalent Resolution
11
Bits
Current Sense Measurement
Accuracy
From 0% to 97.5% of input voltage range
VDD = 3.3 V
−1.7
+1.7
% FSR
VDD varies from 3.0 V to 3.6 V
−2.06
+2.06
% FSR
Current Source
10 kΩ level shifting resistor, VCS+ − VCS− = 0 V
High Input
74
μA
Low Input
84
μA
Current Source Resolution
±0.03
%
RTD PIN
Input Voltage Range
0
0.8
V
Current Source Accuracy
9
10
11
μA
Equivalent Resolution
14
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com