Electronic Components Datasheet Search
  English  ▼

X  

ADP1048 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1048
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048 Datasheet(HTML) 1 Page - Analog Devices

  ADP1048 Datasheet HTML 1Page - Analog Devices ADP1048 Datasheet HTML 2Page - Analog Devices ADP1048 Datasheet HTML 3Page - Analog Devices ADP1048 Datasheet HTML 4Page - Analog Devices ADP1048 Datasheet HTML 5Page - Analog Devices ADP1048 Datasheet HTML 6Page - Analog Devices ADP1048 Datasheet HTML 7Page - Analog Devices ADP1048 Datasheet HTML 8Page - Analog Devices ADP1048 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Digital Power Factor Correction Controller
with Accurate AC Power Metering
Data Sheet
ADP1047/ADP1048
FEATURES
Flexible digital power factor correction (PFC) controller
Single phase operation (ADP1047); interleaved and
bridgeless operation (ADP1048)
True rms ac power metering
Enhanced dynamic response
Optimized light load efficiency performance
Output voltage adjustment
Frequency reduction
Inrush current control
Switching frequency spread spectrum for improved EMI
External frequency synchronization
PMBus compliant
Programmable ac line fault detection and protection
Programmable output fault detection and protection
Extensive fault protection for high reliability systems
Frequency range from 30 kHz to 400 kHz
8 kB EEPROM
Programming via easy-to-use graphical user interface (GUI)
APPLICATIONS
AC/DC power supplies for applications
Computing server and storage
Network and communication infrastructure
Industrial and medical
GENERAL DESCRIPTION
The ADP1047/ADP1048 are digital power factor correction
(PFC) controllers that provide accurate input power metering
capability and inrush current control for ac/dc systems. The
ADP1047 is designed for single phase PFC applications; the
ADP1048 is designed especially for interleaved and bridgeless
PFC applications.
The digital PFC function is based on a conventional boost PFC
with multiplication of the output voltage feedback combined with
the input current and voltage to provide optimum harmonic
correction and power factor for ac/dc systems. All signals are
converted into the digital domain to provide maximum flexibility;
all key parameters can be reported and adjusted via the PMBus™
interface. The ADP1047/ADP1048 allow users to optimize system
performance, maximize efficiency across the load range, and
reduce design time to market.
The ADP1047/ADP1048 provide accurate rms measurement
of input voltage, current, and power. This information can be
reported to the microcontroller of the power supply via the
PMBus interface.
TYPICAL APPLICATIONS CIRCUIT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
RES
RTD
ADD
SYNC
INRUSH
SCL
SDA
VAC
VFB
OVP
NC
ILIM
PGND
AGND
CS–
9
10
11
12
16
15
14
13
PSON
DGND
CS+
PWM2
VCORE
PWM
AC_OK
PGOOD
VDD
ADP1047
VREC
RELAY
VOUT
BULK
CAPACITOR
3.3V
PMBus
AC
INPUT
Figure 1.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP1048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1048-600-EVALZ AD-ADP1048-600-EVALZ Datasheet
1Mb / 82P
Digital Power Factor Correction Controller with Accurate AC Power Metering
8/14-Revision 0
ADP1048DC1-EVALZ AD-ADP1048DC1-EVALZ Datasheet
1Mb / 82P
Digital Power Factor Correction Controller with Accurate AC Power Metering
8/14-Revision 0
ADP1048W AD-ADP1048W Datasheet
1Mb / 82P
Digital Power Factor Correction Controller with Accurate AC Power Metering
8/14-Revision 0
ADP1048WARQZ-R7 AD-ADP1048WARQZ-R7 Datasheet
1Mb / 82P
Digital Power Factor Correction Controller with Accurate AC Power Metering
8/14-Revision 0
More results

Similar Description - ADP1048

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
Power Factor Correction Controller IC
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
FAN7527B Power Factor Correction Controller
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com