Electronic Components Datasheet Search
  English  ▼

X  

ADP1048 Datasheet(PDF) 83 Page - Analog Devices

Part # ADP1048
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADP1048 Datasheet HTML 76Page - Analog Devices ADP1048 Datasheet HTML 77Page - Analog Devices ADP1048 Datasheet HTML 78Page - Analog Devices ADP1048 Datasheet HTML 79Page - Analog Devices ADP1048 Datasheet HTML 80Page - Analog Devices ADP1048 Datasheet HTML 81Page - Analog Devices ADP1048 Datasheet HTML 82Page - Analog Devices ADP1048 Datasheet HTML 83Page - Analog Devices ADP1048 Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 83 of 84
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137-AE
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
24
13
12
1
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025 (0.64)
BSC
0.041 (1.04)
REF
0.010 (0.25)
0.006 (0.15)
0.050 (1.27)
0.016 (0.41)
0.020 (0.51)
0.010 (0.25)
8°
0°
COPLANARITY
0.004 (0.10)
0.065 (1.65)
0.049 (1.25)
0.069 (1.75)
0.053 (1.35)
0.345 (8.76)
0.341 (8.66)
0.337 (8.55)
0.158 (4.01)
0.154 (3.91)
0.150 (3.81) 0.244 (6.20)
0.236 (5.99)
0.228 (5.79)
Figure 45. 24-Lead Shrink Small Outline Package [QSOP]
(RQ-24)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP1047ARQZ-R7
−40°C to +85°C
24-Lead Shrink Small Outline Package [QSOP]
RQ-24
ADP1048ARQZ-R7
−40°C to +85°C
24-Lead Shrink Small Outline Package [QSOP]
RQ-24
ADP1047-300-EVALZ
ADP1047 300 W Evaluation Board
ADP1048-600-EVALZ
ADP1048 600 W Evaluation Board
ADP1047DC1-EVALZ
ADP1047 Daughter Card
ADP1048DC1-EVALZ
ADP1048 Daughter Card
ADP-I2C-USB-Z
USB to I2C Adapter
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com