Electronic Components Datasheet Search
  English  ▼

X  

ADP1048 Datasheet(PDF) 69 Page - Analog Devices

Part # ADP1048
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADP1048 Datasheet HTML 65Page - Analog Devices ADP1048 Datasheet HTML 66Page - Analog Devices ADP1048 Datasheet HTML 67Page - Analog Devices ADP1048 Datasheet HTML 68Page - Analog Devices ADP1048 Datasheet HTML 69Page - Analog Devices ADP1048 Datasheet HTML 70Page - Analog Devices ADP1048 Datasheet HTML 71Page - Analog Devices ADP1048 Datasheet HTML 72Page - Analog Devices ADP1048 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 69 of 84
Bits
Bit Name
R/W
Description
[4:2]
Delay time
R/W
Delay time before switching from the fast loop filter back to the normal filter after the output
voltage is within the regulation band (Bits[6:5]).
Bit 4
Bit 3
Bit 2
Number of Half AC Line Cycles
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
1
Enable fast loop
during soft start
R/W
Enables the fast loop filter during soft start.
1 = fast loop filter is used during soft start.
0 = normal filter is used during soft start.
0
Enable fast loop
R/W
Enables the fast loop filter with a delay. The threshold is programmed in Bits[6:5].
1 = enable fast loop filter.
0 = disable fast loop filter.
VAC_THRESHOLD_SET REGISTER
This register sets the input voltage threshold for input ac line period measurement and zero-crossing detection.
Table 98. Register 0xFE25—VAC_THRESHOLD_SET
Bits
Bit Name
R/W
Description
7
Enable automatic
threshold
R/W
1 = enable automatic threshold.
0 = disable automatic threshold.
[6:0]
Threshold voltage
R/W
These bits set the threshold voltage to detect the ac line frequency and period if Bit 7 is set to 0.
VAC_THRESHOLD_READ REGISTER
Table 99. Register 0xFE26—VAC_THRESHOLD_READ
Bits
Bit Name
R/W
Description
7
RSVD
R
Reserved.
[6:0]
VAC average
reading
R
Return the reading of the threshold voltage to detect the ac line frequency and period if the
automatic threshold is enabled in Register 0xFE25, Bit 7.
MIN_AC_PERIOD_SET REGISTER
Table 100. Register 0xFE27—MIN_AC_PERIOD_SET
Bits
Bit Name
R/W
Description
[7:0]
Minimum ac line
period
R/W
These bits set the minimum ac line period of the input voltage. Each LSB corresponds to 163.84 μs
resolution.
MAX_AC_PERIOD_SET REGISTER
Table 101. Register 0xFE28—MAX_AC_PERIOD_SET
Bits
Bit Name
R/W
Description
[7:0]
Maximum ac line
period
R/W
These bits set the maximum ac line period of the input voltage. Each LSB corresponds to 163.84 μs
resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com