Electronic Components Datasheet Search
  English  ▼

X  

ADP1053 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 3Page - Analog Devices ADP1053 Datasheet HTML 4Page - Analog Devices ADP1053 Datasheet HTML 5Page - Analog Devices ADP1053 Datasheet HTML 6Page - Analog Devices ADP1053 Datasheet HTML 7Page - Analog Devices ADP1053 Datasheet HTML 8Page - Analog Devices ADP1053 Datasheet HTML 9Page - Analog Devices ADP1053 Datasheet HTML 10Page - Analog Devices ADP1053 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 7 of 84
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Accurate OCP
Threshold Accuracy
Same as ADC accuracy
ADC Register Update Rate
100
Hz
Current Sink (High Side)
VOUT = 11 V, 5 kΩ level-shifting resistor
1.81
1.9
1.99
mA
Current Source (Low Side)
VOUT = 0 V, 5 kΩ level-shifting resistor
180
230
280
μA
Fast Reverse Current Threshold
(CS2+, CS2−)
Threshold Accuracy
−17 mV setting
−23.2
−17
−9.6
mV
−27 mV setting
−34.7
−27
−18.1
mV
Threshold Speed
Debounce time = 40 ns
110
150
ns
RTD1, RTD2 TEMPERATURE SENSE PINS
Input Voltage
Voltage from RTDx to AGND
0
1.6
V
Input Voltage FSR
1.6
V
Source Current
Set to 46 μA
44.3
46
47.3
μA
Set to 40 μA
38.6
40
42
μA
Set to 30 μA
28.8
30
31.7
μA
Set to 20 μA
18.8
20
21.5
μA
Set to 10 μA (factory default setting)
9.1
10
11
μA
RTD1, RTD2 ADCs
Valid Input Voltage Range
0
1.28
V
ADC Register Update Rate
100
Hz
Resolution
12
Bits
Measurement Accuracy
From 2% to 20% of valid input voltage
−0.3
+0.45
% FSR
−4.8
+7.2
mV
From 0% to 100% of valid input voltage
−2.6
+1.6
% FSR
−41.6
+25.6
mV
Temperature Readings According to
Internal Linearization Scheme
Factory trimmed to 10 μA; Register
0xFE80 and Register 0xFE81 = 0x00;
NTC R0 = 100 kΩ, 1%; beta = 4250, 1%;
REXT = 16.5 kΩ, 1%
T = 25°C to 100°C
7
°C
T = 100°C to 125°C
5
°C
OTP1, OTP2, OTW1, OTW2
Threshold Accuracy
T = 85°C with 100 kΩ||16.5 kΩ
−0.9
+0.25
% FSR
−14.4
+4
mV
T = 100°C with 100 kΩ||16.5 kΩ
0.5
1.1
% FSR
8
17.6
mV
Comparator Update Speed
10
ms
OUT1 TO OUT8, FLGO/SYNO PINS
Digital output pins
Output Low Voltage, VOL
Source current = 10 mA
0.4
V
Output High Voltage, VOH
Source current = 10 mA
VDD − 0.4
V
Rise Time
CLOAD = 50 pF
4.5
ns
Fall Time
CLOAD = 50 pF
2.5
ns
PGOOD_A, PGOOD_B PINS
Open-drain output pins
Output Low Voltage, VOL
0.4
V
PSON_A, PSON_B, FLGI/SYNI PINS
Digital input pins
Input Low Voltage, VIL
0.8
V
Input High Voltage, VIH
VDD − 0.8
V
SDA/SCL PINS
Input Low Voltage, VIL
0.8
V
Input High Voltage, VIH
VDD − 0.8
V
Output Low Voltage, VOL
0.8
V
Leakage Current
−5
+5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com