Electronic Components Datasheet Search
  English  ▼

X  

ADP1053 Datasheet(PDF) 79 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 75Page - Analog Devices ADP1053 Datasheet HTML 76Page - Analog Devices ADP1053 Datasheet HTML 77Page - Analog Devices ADP1053 Datasheet HTML 78Page - Analog Devices ADP1053 Datasheet HTML 79Page - Analog Devices ADP1053 Datasheet HTML 80Page - Analog Devices ADP1053 Datasheet HTML 81Page - Analog Devices ADP1053 Datasheet HTML 82Page - Analog Devices ADP1053 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
Data Sheet
ADP1053
Rev. A | Page 79 of 84
Table 129. Register 0xFE8A—OTW1/OTW2 Settings
Bits
Bit Name
R/W
Description
7
OTW2 flag debounce
R/W
This bit sets the OTW2 flag debounce time.
0 = 100 ms.
1 = 0 ms.
6
OTW2 triggers
PGOOD_B
R/W
This bit specifies whether the OTW2 flag triggers PGOOD_B.
0 = OTW2 does not trigger PGOOD_B.
1 = OTW2 triggers PGOOD_B.
These bits set the OTW2 threshold.
Bit 5
Bit 4
OTW2 Threshold
0
0
3.125 mV (1 LSB) above the OTP2 threshold
0
1
6.25 mV (2 LSBs) above the OTP2 threshold
1
0
9.375 mV (3 LSBs) above the OTP2 threshold
[5:4]
OTW2 threshold
R/W
1
1
12.5 mV (4 LSBs) above the OTP2 threshold
3
OTW1 flag debounce
R/W
This bit sets the OTW1 flag debounce time.
0 = 100 ms.
1 = 0 ms.
2
OTW1 triggers
PGOOD_A
R/W
This bit specifies whether the OTW1 flag triggers PGOOD_A.
0 = OTW1 does not trigger PGOOD_A.
1 = OTW1 triggers PGOOD_A.
These bits set the OTW1 threshold.
Bit 1
Bit 0
OTW1 Threshold
0
0
3.125 mV (1 LSB) above the OTP1 threshold
0
1
6.25 mV (2 LSBs) above the OTP1 threshold
1
0
9.375 mV (3 LSBs) above the OTP1 threshold
[1:0]
OTW1 threshold
R/W
1
1
12.5 mV (4 LSBs) above the OTP1 threshold
FLAG REGISTERS
Register 0xFEC0 through Register 0xFEC4 are flag registers that indicate the status of the flags. Register 0xFEC5 through Register 0xFEC9
are latched flag registers. In the latched flag registers, flags are not reset when the condition disappears but remain set so that intermittent
faults can be detected. Flags in the latched flag registers are cleared only by a register read (provided that the fault no longer exists) or by
asserting PSON. It is recommended that the latched flag register be read again after the faults disappear to ensure that the register was
reset. Note that latched flag bits are clocked on a low-to-high transition only.
Table 130. Register 0xFEC0—Flag Register 1 and Register 0xFEC5—Latched Flag Register 1 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
POWER_SUPPLY_A
R
Channel A power supply is off and the PWM outputs are disabled.
This bit stays high until PSON_A is asserted.
None
6
PGOOD_A
R
Power-good fault on Channel A. This flag is set when the UVP_A,
POWER_SUPPLY_A, EEPROM_CRC, or SOFTSTART_FILTER_A flag is
set. The ACSNS and OTW1 flags can also be programmed to be
included.
0xFE09,
0xFE78,
0xFE8A
PGOOD_A pin
set low
5
CS1_A_OCP
R
The voltage at CS1_A is above the 1.2 V threshold.
0xFE00,
0xFE70
Programmable
4
CS2_A_OCP
R
The voltage at CS2_A is above its threshold.
0xFE01,
0xFE18
Programmable
3
UVP_A
R
VS_A is below its threshold.
0xFE03,
0xFE28
Programmable
2
OVP_A
R
OVP_A is above its threshold.
0xFE02,
0xFE26
Programmable
1
LIGHTLOAD_A
R
Channel A is in light load mode (CS2_A current is below the light
load threshold).
0xFE1A,
0xFE69
Programmable
0
VS_SET_ERR_A
R
The intended VS_A reference setting is outside the allowed range.
0xFE1E,
0xFE20
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com