Electronic Components Datasheet Search
  English  ▼

X  

ADP1053 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 18Page - Analog Devices ADP1053 Datasheet HTML 19Page - Analog Devices ADP1053 Datasheet HTML 20Page - Analog Devices ADP1053 Datasheet HTML 21Page - Analog Devices ADP1053 Datasheet HTML 22Page - Analog Devices ADP1053 Datasheet HTML 23Page - Analog Devices ADP1053 Datasheet HTML 24Page - Analog Devices ADP1053 Datasheet HTML 25Page - Analog Devices ADP1053 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 22 of 84
The unregulated Channel C can be programmed to be always
on, or it can be programmed to be on when either PSON_A
or PSON_B is on. This option is configured using Bit 4 of
Register 0xFE7B.
Software Reset
The user can reset the ADP1053 power supply by writing the
GO command to Register 0xFE88 (Bit 0 for Channel A; Bit 1
for Channel B). When the GO bit is written, the power supply
for Channel A or Channel B is immediately turned off, and the
channel is restarted with a soft start after a preset delay. The
delay can be programmed to 0 ms, 500 ms, 1 sec, or 2 sec using
Bits[3:2] of Register 0xFE88.
PSON Sequencing
For both the regulated Channel A and Channel B and the
unregulated Channel C, the turn-on delay, turn-off delay,
and ramp rate can be independently configured. The register
settings can be used to set up the sequencing of the channels.
Figure 21 shows a typical sequencing diagram.
•
The turn-on delays (tDON_A, tDON_B, and tDON_C) are the delay
times between the activation of the PSON_A/PSON_B
pins or commands that trigger the turn-on signal and the
start of the output ramp-up.
•
The turn-off delays (tDOFF_A, tDOFF_B, tDOFF_C) are the delay
times between the activation of the PSON_A/PSON_B
pins or commands that trigger the turn-off signal and the
start of the output shutdown.
The turn-on and turn-off delays for Channel A, Channel B,
and Channel C can be set to 0 ms, 50 ms, 250 ms, or 1 sec
using Register 0xFE79, Register 0xFE7A, and Register 0xFE7B,
respectively.
tDON_A
tDOFF_C
tDON_B
tDON_C
PSON_A/
PSON_B
VOUTA
VOUTB
VOUTC
tSS_A
tSS_B
tSS_C
tDOFF_A
tDOFF_B
Figure 21. PSON Sequencing Diagram
The PGOOD signal of a master controller can be configured to
trigger the PSON signals of multiple slave controllers.
The ADP1053 also has fault link functionality; that is, the part
can be configured to shut down an output after another output
is shut down.
Soft Start Ramp
For either regulated channel of the ADP1053, the VS_A/VS_B
reference voltage increases from 0 V to the regulated reference
voltage after the PSON signal is received and after the turn-on
delay. The ramp rate for the reference voltage is set in Register
0xFE2A for Channel A and Register 0xFE2B for Channel B. The
first column of Table 8 shows the possible ramp rates for the
VS_A and VS_B references.
A non-zero prebias may result in a longer turn-on delay and
shorter rise time.
Table 8. Soft Start Ramp Timing
VS_A/VS_B
Reference Ramp Rate
Channel C
Duty Cycle Ramp Rate
1 V/1.75 ms
40 ns/1 switching cycle
1 V/10.5 ms
40 ns/2 switching cycles
1 V/21.0 ms
40 ns/4 switching cycles
1 V/40.2 ms
40 ns/8 switching cycles
For the unregulated Channel C, the duty cycle can be pro-
grammed to increase or decrease at a rate set by Bits[5:4] of
Register 0xFE68. The duty cycle variation can be set to 40 ns
per one, two, four, or eight switching cycles. The soft start time
for Channel C is usually faster than the soft start time for the
regulated channels.
Two variation values are used for Channel C soft start:
tSS_C1 = |tF1 − tR1|
tSS_C2 = |tF2 − tR2|
where:
tR1 and tR2 are the timing values for the rising edges of OUT1
and OUT2, respectively.
tF1 and tF2 are the timing values for the falling edges of OUT1
and OUT2, respectively.
tSS_C1 sets the variation for OUT1, OUT3, OUT5, and OUT7
if these PWM outputs are assigned to Channel C.
tSS_C2 sets the variation for OUT2, OUT4, OUT6, and OUT8
if these PWM outputs are assigned to Channel C.
Both edges of a PWM signal assigned to Channel C can implement
modulation during soft start. At the initiation of soft start, a
modulated edge assigned to Channel C behaves as follows:
•
If the edge is configured for positive modulation, the edge
timing is the preset value plus the variation value. During
soft start, the edge moves to the left until it reaches the
preset value.
•
If the edge is configured for negative modulation, the edge
timing is the preset value minus the variation value. During
soft start, the edge moves to the right until it reaches the
preset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com