Electronic Components Datasheet Search
  English  ▼

X  

ADP1053 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1053
Description  3-Channel Digital
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1053 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1053 Datasheet HTML 14Page - Analog Devices ADP1053 Datasheet HTML 15Page - Analog Devices ADP1053 Datasheet HTML 16Page - Analog Devices ADP1053 Datasheet HTML 17Page - Analog Devices ADP1053 Datasheet HTML 18Page - Analog Devices ADP1053 Datasheet HTML 19Page - Analog Devices ADP1053 Datasheet HTML 20Page - Analog Devices ADP1053 Datasheet HTML 21Page - Analog Devices ADP1053 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
ADP1053
Data Sheet
Rev. A | Page 18 of 84
DRIVER
ADC
CS1_A/
CS1_B
ADP1053
CS1 SENSING
REGISTERS
THRESHOLD
1.2V
CS1 OCP
VOUT
Figure 13. Current Sense 1 (CS1) Operation
ADC
CS
ADP1053
CS SENSING
REGISTERS
THRESHOLD
CS OCP
VIN
Figure 14. Current Sense (CS) Operation
The CS ADCs measure the average current information, which
can be read via the PMBus/I2C interface. This information can
also be used for volt-second balance or current balance control.
For more information, see the Volt-Second Balance and Current
Balance section.
CS2 (CS2+_A/CS2+_B, CS2−_A/CS2−_B) Sensing
CS2_A and CS2_B are typically used for the monitoring and
protection of Channel A and Channel B, respectively. CS2_A/
CS2_B provide accurate current sensing and monitoring of
OCP conditions.
CS2_A/CS2_B current sensing can be configured using a low-
side sense resistor or a high-side sense resistor. Depending on
the common-mode voltage of the current sensing resistor, the
part must be programmed for low-side or high-side mode using
Bit 7 of Register 0xFE1A and Register 0xFE1B.
Typical configurations are shown in Figure 15 and Figure 16.
The differential inputs are fed into an ADC through a pair of
external resistors. Internal matching current sources (nominal
value of 200 μA for low-side sensing and 2 mA for high-side
sensing) are used to regulate the common-mode voltage of the
CS2 pins at approximately 1 V.
For both high-side and low-side current sensing, it is recom-
mended that a 500 pF to 1000 pF capacitor be connected from
the CS2_A/CS2_B pins to AGND.
When using low-side resistor current sensing, as shown in
Figure 15, the common-mode voltage at the sensing resistor is
approximately 0 V. The current sources are 200 μA in low-side
current sensing mode. Two matching 5 kΩ resistors are
recommended.
ADC
ADP1053
CS2 SENSING
REGISTERS
VOUT
CS2–_A/
CS2–_B
CS2+_A/
CS2+_B
CS2_A/
CS2_B
OCP
5kΩ
5kΩ
200µA
200µA
THRESHOLD
RSENSE
Figure 15. CS2 Low-Side Resistive Current Sensing
When high-side resistor current sensing is required, as shown
in Figure 16, the resistor value is calculated based on a 2 mA
high-side current source, as follows:
R = (VOUT − 1 V)/2 mA
For example, in a 28 V system with high-side current sensing,
the value of the resistors used at the CS2 pins is calculated by
R = (28 V − 1 V)/2 mA = 13.5 kΩ
ADC
ADP1053
CS2 SENSING
REGISTERS
VOUT
CS2+_A/
CS2+_B
CS2–_A/
CS2–_B
2mA
2mA
THRESHOLD
CS2_A/
CS2_B
OCP
RSENSE
Figure 16. CS2 High-Side Resistive Current Sensing
Matching resistors with 0.1% or better accuracy are recom-
mended to achieve the accuracy specifications.
The full-scale range of the CS2_A/CS2_B ADC is 120 mV. The
ADC registers have an update rate of 100 Hz with 12-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com