Electronic Components Datasheet Search
  English  ▼

X  

ADP1853 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 15Page - Analog Devices ADP1853 Datasheet HTML 16Page - Analog Devices ADP1853 Datasheet HTML 17Page - Analog Devices ADP1853 Datasheet HTML 18Page - Analog Devices ADP1853 Datasheet HTML 19Page - Analog Devices ADP1853 Datasheet HTML 20Page - Analog Devices ADP1853 Datasheet HTML 21Page - Analog Devices ADP1853 Datasheet HTML 22Page - Analog Devices ADP1853 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 19 of 28
MOSFET SELECTION
The choice of MOSFET directly affects the dc-to-dc converter
performance. A MOSFET with low on resistance reduces I2R
losses, and low gate charge reduces transition losses. The
MOSFET should have low thermal resistance to ensure that the
power dissipated in the MOSFET does not result in excessive
MOSFET die temperature.
The high-side MOSFET carries the load current during on time
and usually carries most of the transition losses of the converter.
Typically, the lower the on resistance of the MOSFET, the
higher the gate charge and vice versa. Therefore, it is important
to choose a high-side MOSFET that balances the two losses.
The conduction loss of the high-side MOSFET is determined
by the equation
DSON
RMS
LOAD
C
R
I
P
×
=
2
)
(
)
(
where:
RDSON is the MOSFET on resistance.
The gate charging loss is approximated by the equation
SW
G
PV
G
f
Q
V
P
×
×
≅
where:
VPV is the gate driver supply voltage.
QG is the MOSFET total gate charge.
Note that the gate charging power loss is not dissipated in the
MOSFET but rather in the ADP1853 internal drivers. This
power loss should be taken into consideration when calculating
the overall power efficiency.
The high-side MOSFET transition loss is approximated by the
equation
2
)
(
SW
F
R
LOAD
IN
T
f
t
t
I
V
P
×
+
×
×
≅
where:
PT is the high-side MOSFET switching loss power.
tR is the rise time in charging the high-side MOSFET.
tF is the fall time in discharging the high-side MOSFET.
tR and tF can be estimated by
RISE
DRIVER
GSW
R
I
Q
t
_
≅
FALL
DRIVER
GSW
F
I
Q
t
_
≅
where:
QGSW is the gate charge of the MOSFET during switching and is
given in the MOSFET data sheet.
IDRIVER_RISE and IDRIVER_FALL are the driver current output from the
ADP1853 internal gate drivers.
If QGSW is not given in the data sheet, it can be approximated by
2
GS
GD
GSW
Q
Q
Q
+
≅
where:
QGD and QGS are the gate-to-drain and gate-to-source charges
given in the MOSFET data sheet.
IDRIVER_RISE and IDRIVER_FALL can be estimated by
GATE
SOURCE
ON
SP
DD
RISE
DRIVER
R
R
V
V
I
+
−
≅
_
_
GATE
SINK
ON
SP
FALL
DRIVER
R
R
V
I
+
≅
_
_
where:
VDD is the input supply voltage to the driver and is between
2.75 V and 5 V, depending on the input voltage.
VSP is the switching point where the MOSFET fully conducts;
this voltage can be estimated by inspecting the gate charge
graph given in the MOSFET data sheet.
RON_SOURCE is the on resistance of the ADP1853 internal driver,
given in Table 1, when charging the MOSFET.
RON_SINK is the on resistance of the ADP1853 internal driver,
given in Table 1, when discharging the MOSFET.
RGATE is the on gate resistance of MOSFET given in the
MOSFET data sheet. If an external gate resistor is added, add
this external resistance to RGATE.
The total power dissipation of the high-side MOSFET is the
sum of conduction and transition losses:
T
C
HS
P
P
P
+
≅
The synchronous rectifier, or low-side MOSFET, carries the
inductor current when the high-side MOSFET is off. The low-
side MOSFET transition loss is small and can be neglected in
the calculation. For high input voltage and low output voltage,
the low-side MOSFET carries the current most of the time.
Therefore, to achieve high efficiency, it is critical to optimize
the low-side MOSFET for low on resistance. In cases where the
power loss exceeds the MOSFET rating or lower resistance is
required than is available in a single MOSFET, connect multiple
low-side MOSFETs in parallel. The equation for low-side
MOSFET conduction power loss is
DSON
RMS
LOAD
CLS
R
I
P
×
=
2
)
(
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com