Electronic Components Datasheet Search
  English  ▼

X  

ADP1853 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 20Page - Analog Devices ADP1853 Datasheet HTML 21Page - Analog Devices ADP1853 Datasheet HTML 22Page - Analog Devices ADP1853 Datasheet HTML 23Page - Analog Devices ADP1853 Datasheet HTML 24Page - Analog Devices ADP1853 Datasheet HTML 25Page - Analog Devices ADP1853 Datasheet HTML 26Page - Analog Devices ADP1853 Datasheet HTML 27Page - Analog Devices ADP1853 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 25 of 28
TYPICAL OPERATING CIRCUITS
Figure 35. 15 A Circuit Operating in Current Mode
M2
M1
VIN = 12V TO 18V
L
22kΩ
1
2
3
4
5
6
7
8
9
10
17
18
19
20
12
13
14
15
AGND
DL
CS
SW
DH
EN
ADP1853
16
11
BST
SS
COMP
FB
CIN
COUT
EP
TO VIN
TO
VCCO
1µF
2Ω
1µF
20kΩ
32.4kΩ
16pF
390pF
0.1µF
0.1µF
348kΩ
fSW = 600kHz
CIN: OS-CON 150µF/20V, 20SEP150M, SANYO + CAP CER 10µF 25V X7R 1210, MURATA GRM32DR71E106KA12
L: 1.8µH WURTH ELECTRONIK WE-HCI 1050 744 325 180
M1: VISHAY SILICONIX SiR462DP
M2: VISHAY SILICONIX SiR866DP
COUT: POSCAP 100µF/6.3V SANYO 6TPE100MI + 2× CAP CER 22µF 10V X5R 1210 MURATA GRM32ER61A226KE20L
2.74kΩ
1.3kΩ
0.003Ω 2W
VOUT
5V
15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com