Electronic Components Datasheet Search
  English  ▼

X  

ADP1853 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 19Page - Analog Devices ADP1853 Datasheet HTML 20Page - Analog Devices ADP1853 Datasheet HTML 21Page - Analog Devices ADP1853 Datasheet HTML 22Page - Analog Devices ADP1853 Datasheet HTML 23Page - Analog Devices ADP1853 Datasheet HTML 24Page - Analog Devices ADP1853 Datasheet HTML 25Page - Analog Devices ADP1853 Datasheet HTML 26Page - Analog Devices ADP1853 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 23 of 28
Use the larger value of CIfrom Equation 14 or Equation 15.
Because of the finite output current drive of the error amplifier,
CI needs to be less than 10 nF. If it is larger than 10 nF, choose a
larger RTOP and recalculate RZ and CI until CI is less than 10 nF.
Next, choose the high frequency pole, fP1, to be ½ of fSW.
SW
P1
f
f
2
1
=
(16)
Because CHF << CI,
HF
Z
P1
C
R
f
π
=
2
1
(17)
Combine Equation 16 and Equation 17, and solve for CHF,
Z
SW
HF
R
f
C
π
=
1
(18)
For maximally precise compensation solutions, use the
ADIsimPower design tool.
SWITCHING NOISE AND OVERSHOOT REDUCTION
To reduce voltage ringing and noise, it is recommended to add
an RC snubber between SW and PGND for high current
applications, as illustrated in Figure 30.
In most applications, RSNUB is typically 2 Ω to 4 Ω, and CSNUB is
typically 1.2 nF to 3 nF.
The size of the RC snubber components must be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is
SW
SNUB
IN
SNUB
f
C
V
P
×
×
=
2
In most applications, a component size of 0805 for RSNUB is
sufficient. The RC snubber does not reduce the voltage over-
shoot. A resistor, shown as RRISE in Figure 30, at the BST pin
helps to reduce overshoot and is generally between 2 Ω and
4 Ω. Adding a resistor in series, typically between 2 Ω and
4 Ω, with the gate driver also helps to reduce overshoot. If a
gate resistor is added, then RRISE is not needed.
Figure 30. Application Circuit with a Snubber
VOLTAGE TRACKING
The ADP1853 includes a tracking feature that tracks a master
voltage. In all tracking configurations, the output can be set as
low as 0.6 V for a given operating condition. The soft start time
setting of the master voltage should be longer than the soft start
of the slave voltage. This forces the rise time of the master
voltage to be imposed on the slave voltage. If the soft start
setting of the slave voltage is longer, the slave comes up more
slowly, and the tracking relationship is not seen at the output.
Two tracking configurations are possible with the ADP1853:
coincident and ratiometric tracking.
Coincident Tracking
The most common application is coincident tracking, used
in core vs. I/O voltage sequencing and similar applications.
Coincident tracking forces the ramp rate of the output voltage
to be the same for the master and slave until the slave output
reaches its regulation. Connect the slave TRK input to a resistor
divider from the master voltage that is the same as the divider
used on the slave FB pin. This forces the slave voltage to be the
same as the master voltage. For coincident tracking, use RTRKT =
RTOP and RTRKB = RBOT, as shown in Figure 32.
Figure 31. Coincident Tracking
Figure 32. Example of a Coincident Tracking Circuit
The ratio of the slave output voltage to the master voltage is a
function of the two dividers.


+


+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
SLAVE
OUT
R
R
R
R
V
V
1
1
_
_
VIN
ADP1853
DH
DL
SW
BST
PGND
RRISE
M1
M2
L
VOUT
CSNUB
COUT
RSNUB
MASTER VOLTAGE
SLAVE VOLTAGE
TIME
ADP1853
FB
SS
TRK
RBOT
10kΩ
RTOP
20k
Ω
1.1V
3.3V
VOUT_MASTER
1.8V
VOUT_SLAVE
RTRKB
10kΩ
RTRKT
20kΩ
CSS
20nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com