Electronic Components Datasheet Search
  English  ▼

X  

ADP1853 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1853
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1853 Datasheet HTML 18Page - Analog Devices ADP1853 Datasheet HTML 19Page - Analog Devices ADP1853 Datasheet HTML 20Page - Analog Devices ADP1853 Datasheet HTML 21Page - Analog Devices ADP1853 Datasheet HTML 22Page - Analog Devices ADP1853 Datasheet HTML 23Page - Analog Devices ADP1853 Datasheet HTML 24Page - Analog Devices ADP1853 Datasheet HTML 25Page - Analog Devices ADP1853 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 22 of 28
Setting the Current Sense Gain
The voltage drop across the external low-side MOSFET is
sensed by a current sense amplifier by multiplying the peak
inductor current and the RDSON of the MOSFET. The result is
then amplified by a gain factor of 3 V/V, 6 V/V, or 12 V/V,
which is programmable by an external resistor, RCSG, connected
to the DL pin. This gain is sensed only during power-up and
not during normal operation. The amplified voltage is summed
with the slope compensation ramp voltage and fed into the
PWM controller for a stable regulation voltage.
The voltage range of the internal node, VCS, is between 0.4 V
and 2.2 V. Select the current sense gain such that the internal
minimum amplified voltage (VCSMIN) is above 0.4 V and the
maximum amplified voltage (VCSMAX) is 2.1 V. Note that VCSMIN
or VCSMAX is not the same as VCOMP, which has a range of 0.85 V
to 2.2 V. Make sure that the maximum VCOMP (VCOMPMAX) does
not exceed 2.2 V to account for temperature and part-to-part
variations. See the following equations for VCSMIN, VCSMAX, and
VCOMPMAX:
CS
MIN
DSON
L
CSMIN
A
R
I
V
_
2
1
V
75
.
0
CS
MAX
DSON
L
LOADMAX
CSMAX
A
R
I
I
V
_
)
2
1
(
V
75
.
0
CSMAX
RAMP
ON
IN
COMPMAX
V
R
t
V
V
pF
100
)
V
2
.
0
(
where:
VCSMIN is the minimum amplified voltage of the internal current
sense amplifier at zero output current.
IL is the peak-to-peak ripple current in the inductor.
RDSON_MIN is the low-side MOSFET minimum on resistance. The
zero current level voltage of the current sense amplifier is 0.75 V.
VCSMAX is the maximum amplified voltage of the internal current
sense amplifier at the maximum output current.
ILOADMAX is the maximum output dc load current.
VCOMPMAX is the maximum voltage at the COMP pin.
tON is the high-side driver (DH) on time.
Replace RDSON with the resistance value of the current sense
element, RCS, if it is used.
Type II Compensation
Figure 29. Type II Compensation
In this case, use the circuit shown in Figure 29. Calculate the
compensation resistor, RZ, with the following equation:
CO
OUT
S
TOP
Z
f
C
R
R
R
2
(11)
where:
fCO is chosen to be 1/10 of fSW.
RS = ACS × RDSON_MIN.
ACS is the current sense gain of either 3 V/V, 6 V/V, or 12 V/V,
set by the gain resistor between DL and PGND.
RDSON_MIN is the low-side MOSFET minimum on resistance.
If the current is sensed on a current sense resistor, RCS, then RCS
becomes
CS
CS
S
R
A
R
Next, choose the compensation capacitor to set the compensa-
tion zero, fZ1, to the lesser of 1/5 of the crossover frequency or ½
of the LC resonant frequency
I
Z
SW
CO
Z1
C
R
f
f
f
2
1
50
5
(12)
or
I
Z
LC
Z1
C
R
f
f
2
1
2
(13)
Solving for CI in Equation 12 yields
SW
Z
I
f
R
C
25
(14)
Solving for CI in Equation 13 yields
LC
Z
I
f
R
C
1
(15)
G
(dB)
PHASE
–180°
–270°
fZ
fP
CHF
CI
RZ
RTOP
RBOT
VOUT
INTERNAL
VREF
EA
FB
COMP
–1
SLO
PE
–1
SLO
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com