Electronic Components Datasheet Search
  English  ▼

X  

ADP2164 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2164 Datasheet HTML 2Page - Analog Devices ADP2164 Datasheet HTML 3Page - Analog Devices ADP2164 Datasheet HTML 4Page - Analog Devices ADP2164 Datasheet HTML 5Page - Analog Devices ADP2164 Datasheet HTML 6Page - Analog Devices ADP2164 Datasheet HTML 7Page - Analog Devices ADP2164 Datasheet HTML 8Page - Analog Devices ADP2164 Datasheet HTML 9Page - Analog Devices ADP2164 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP2164
Data Sheet
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
PVIN
NOTES
1. THE EXPOSED PAD SHOULD BE SOLDERED
TO AN EXTERNAL GROUND PLANE UNDER
THE IC FOR THERMAL DISSIPATION.
SW
SW
9
SW
SYNC
TRK
2
RT
FB
ADP2164
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SYNC
Synchronization Input. To synchronize the switching frequency to an external clock, connect this pin to an
external clock with a frequency of 500 kHz to 1.4 MHz (see the Oscillator and Synchronization section for
more information).
2
RT
Frequency Setting. To select a switching frequency of 600 kHz, connect this pin to GND; to select a switching
frequency of 1.2 MHz, connect this pin to VIN. To program the frequency from 500 kHz to 1.4 MHz, connect a
resistor from this pin to GND (see the Oscillator and Synchronization section for more information).
3
TRK
Tracking Input. To track a master voltage, connect the TRK pin to a voltage divider from the master voltage. If
the tracking function is not used, connect the TRK pin to VIN. For more information, see the Voltage Tracking
section.
4
FB
Feedback Voltage Sense Input. Connect this pin to a resistor divider from VOUT. For the preset output version,
connect this pin directly to VOUT.
5
GND
Analog Ground. Connect to the ground plane.
6, 7, 8
PGND
Power Ground. Connect to the ground plane and to the output return side of the output capacitor.
9, 10, 11
SW
Switch Node Output. Connect to the output inductor.
12, 13
PVIN
Power Input Pin. Connect this pin to the input power source. Connect a bypass capacitor between this pin
and PGND.
14
VIN
Bias Voltage Input Pin. Connect a bypass capacitor between this pin and GND; connect a small (10 Ω) resistor
between this pin and PVIN.
15
EN
Precision Enable Pin. The external resistor divider can be used to set the turn-on threshold. To enable the
part automatically, connect the EN pin to VIN. This pin has a 1 MΩ pull-down resistor to GND.
16
PGOOD
Power-Good Output (Open Drain). Connect this pin to a resistor from any pull-up voltage lower than 6.5 V.
17 (EPAD)
Exposed Pad
The exposed pad should be soldered to an external ground plane under the IC for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com