Electronic Components Datasheet Search
  English  ▼

X  

ADP2164 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2164 Datasheet HTML 5Page - Analog Devices ADP2164 Datasheet HTML 6Page - Analog Devices ADP2164 Datasheet HTML 7Page - Analog Devices ADP2164 Datasheet HTML 8Page - Analog Devices ADP2164 Datasheet HTML 9Page - Analog Devices ADP2164 Datasheet HTML 10Page - Analog Devices ADP2164 Datasheet HTML 11Page - Analog Devices ADP2164 Datasheet HTML 12Page - Analog Devices ADP2164 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP2164
Rev. 0 | Page 9 of 20
650
640
630
620
610
600
590
580
570
560
550
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.9
6.3
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 16. Switching Frequency vs. VIN, fS = 600 kHz (RT = 91 kΩ)
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
5.2
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 17. Peak Current Limit vs. Temperature, VIN = 3.3 V
CH1 500mV
CH2 5.00V
CH3 5.00V
CH4 2.00A Ω
M 1.00ms
A CH3
2.50V
1
3
4
2
T 20.20%
T
EN
PGOOD
IL
VOUT
Figure 18. Soft Start with Full Load, VIN = 5 V, VOUT = 1.2 V, fS = 1.2 MHz
2.70
2.68
2.66
2.64
2.62
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 19. UVLO Threshold vs. Temperature, VIN = 3.3 V
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
5.4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.9
6.3
VIN (V)
Figure 20. Peak Current Limit vs. VIN, TJ = 25°C
CH1 500mV
CH2 5.00V
CH3 5.00V
CH4 2.00A Ω
M 1.00ms
A CH3
2.50V
1
3
4
2
T 20.20%
T
EN
PGOOD
IL
VOUT
Figure 21. Soft Start with Precharged Output Voltage, VIN = 5 V, fS = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com