Electronic Components Datasheet Search
  English  ▼

X  

ADP2164 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 1 Page - Analog Devices

  ADP2164 Datasheet HTML 1Page - Analog Devices ADP2164 Datasheet HTML 2Page - Analog Devices ADP2164 Datasheet HTML 3Page - Analog Devices ADP2164 Datasheet HTML 4Page - Analog Devices ADP2164 Datasheet HTML 5Page - Analog Devices ADP2164 Datasheet HTML 6Page - Analog Devices ADP2164 Datasheet HTML 7Page - Analog Devices ADP2164 Datasheet HTML 8Page - Analog Devices ADP2164 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
6.5 V, 4 A, High Efficiency,
Step-Down DC-to-DC Regulator
Data Sheet
ADP2164
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
4 A continuous output current
43 mΩ and 29 mΩ integrated FET
±1.5% output accuracy
Input voltage range: 2.7 V to 6.5 V
Output voltage: 0.6 V to VIN
Switching frequency
Fixed frequency: 600 kHz or 1.2 MHz
Adjustable frequency: 500 kHz to 1.4 MHz
Synchronizable from 500 kHz to 1.4 MHz
Selectable synchronize phase shift: 0° or 180°
Current mode architecture
Precision enable input
Power-good output
Voltage tracking input
Integrated soft start
Internal compensation
Starts up into a precharged output
UVLO, OVP, OCP, and thermal shutdown
Available in 16-lead, 4 mm × 4 mm LFCSP package
APPLICATIONS
Point-of-load conversion
Communications and networking equipment
Industrial and instrumentation
Consumer electronics
TYPICAL APPLICATIONS CIRCUIT
ADP2164
PGOOD
EN
COUT
C1
R2
RT
CIN
VOUT
VIN
SYNC
TRK
RT
SW
FB
PGND
GND
VIN
L
R1
PVIN
Figure 1.
100
95
90
85
80
75
70
65
60
55
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT CURRENT (A)
VIN = 5V
fS = 600kHz
VOUT = 1.2V
VOUT = 3.3V
Figure 2. Efficiency vs. Output Current
GENERAL DESCRIPTION
The ADP2164 is a 4 A, synchronous, step-down dc-to-dc regulator
in a compact 4 mm × 4 mm LFCSP package. The regulator uses a
current mode, constant frequency pulse-width modulation (PWM)
control scheme for excellent stability and transient response.
The input voltage range of the ADP2164 is 2.7 V to 6.5 V. The
output voltage of the ADP2164 is adjustable from 0.6 V to the
input voltage (VIN). The ADP2164 is also available in six preset
output voltage options: 3.3 V, 2.5 V, 1.8 V, 1.5 V, 1.2 V, and 1.0 V.
The ADP2164 integrates a pair of low on-resistance P-channel
and N-channel internal MOSFETs to maximize efficiency and
minimize external component count. The 100% duty cycle
operation allows low dropout voltage at 4 A output current.
The high, 1.2 MHz PWM switching frequency allows the use of
small external components, and the SYNC input enables multiple
ICs to synchronize out of phase to reduce ripple and eliminate
beat frequencies.
Other key features of the ADP2164 include undervoltage lockout
(UVLO), integrated soft start to limit inrush current at startup,
overvoltage protection (OVP), overcurrent protection (OCP),
and thermal shutdown.


Similar Part No. - ADP2164

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2165 AD-ADP2165 Datasheet
670Kb / 23P
5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
8/2017-Rev. A to Rev. B
ADP2165-EVALZ AD-ADP2165-EVALZ Datasheet
670Kb / 23P
5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
8/2017-Rev. A to Rev. B
ADP2165ACPZ-1.0-R7 AD-ADP2165ACPZ-1.0-R7 Datasheet
670Kb / 23P
5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
8/2017-Rev. A to Rev. B
ADP2165ACPZ-1.2-R7 AD-ADP2165ACPZ-1.2-R7 Datasheet
670Kb / 23P
5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
8/2017-Rev. A to Rev. B
ADP2165ACPZ-1.5-R7 AD-ADP2165ACPZ-1.5-R7 Datasheet
670Kb / 23P
5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
8/2017-Rev. A to Rev. B
More results

Similar Description - ADP2164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI1-TLV3691 Datasheet
3Mb / 24P
0.9-V to 6.5-V, Nanopower Comparator
logo
Fairchild Semiconductor
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
logo
Renesas Technology Corp
N0604N RENESAS-N0604N_15 Datasheet
148Kb / 8P
N-channel MOSFET 60 V, 82 A, 6.5 m廓
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
Texas Instruments
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
logo
ON Semiconductor
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
logo
Texas Instruments
LM70880-Q1 TI-LM70880-Q1 Datasheet
833Kb / 12P
LM708x0-Q1 80-V, 8-A/6-A/4-A, Automotive, High-Efficiency Buck Converters Optimized for High Power Density
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com