Electronic Components Datasheet Search
  English  ▼

X  

ADP2164 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2164
Description  6.5 V, 4 A, High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2164 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2164 Datasheet HTML 12Page - Analog Devices ADP2164 Datasheet HTML 13Page - Analog Devices ADP2164 Datasheet HTML 14Page - Analog Devices ADP2164 Datasheet HTML 15Page - Analog Devices ADP2164 Datasheet HTML 16Page - Analog Devices ADP2164 Datasheet HTML 17Page - Analog Devices ADP2164 Datasheet HTML 18Page - Analog Devices ADP2164 Datasheet HTML 19Page - Analog Devices ADP2164 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP2164
Data Sheet
Rev. 0 | Page 18 of 20
APPLICATIONS CIRCUITS
ADP2164ACPZ
CIN
47µF
X5R
10V
COUT1
47µF
X5R
6.3V
COUT2
100µF
X5R
6.3V
VOUT
1.2V
4A
VIN
3.3V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
0.8µH
RTOP
10kΩ
RBOT
10kΩ
L: MSS1048-801NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT1: C3225X5R0J476M TDK
COUT2: C3225X5R0J107M TDK
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
Figure 42. 1.2 V, 4 A, 1.2 MHz Step-Down Regulator
ADP2164ACPZ
CIN
47µF
X5R
10V
COUT
100µF
X5R
6.3V
VOUT
1.8V
4A
VIN
5V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
1µH
1MHz
EXT
CLOCK
RTOP
20kΩ
RBOT
10kΩ
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
L: MSS1038-102NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT: C3225X5R0J107M TDK
Figure 43. 1.8 V, 4 A Step-Down Regulator,
Synchronized to 1 MHz, in Phase with the External Clock
ADP2164ACPZ-1.2
CIN
47µF
X5R
10V
VOUT
1.2V
4A
VIN
5V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
0.8µH
L: MSS1048-801NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT1: C3225X5R0J476M TDK
COUT2: C3225X5R0J107M TDK
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
COUT1
47µF
X5R
6.3V
COUT2
100µF
X5R
6.3V
Figure 44. Fixed 1.2 V, 4 A, 1.2 MHz Step-Down Regulator
ADP2164ACPZ
CIN
47µF
X5R
10V
COUT
47µF
X5R
6.3V
VOUT
3.3V
4A
VIN
5V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
1µH
RT
54kΩ
RTOP
10kΩ
RBOT
2.21kΩ
L: MSS1038-102NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT: C3225X5R0J476M TDK
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
Figure 45. 3.3 V, 4 A, 1 MHz Step-Down Regulator
ADP2164ACPZ
CIN
47µF
X5R
10V
VOUT
1.5V
4A
VIN
5V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
1µH
1MHz
EXT
CLOCK
RTOP
15kΩ
RBOT
10kΩ
L: MSS1038-102NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT1: C3225X5R0J476M TDK
COUT2: C3225X5R0J107M TDK
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
COUT1
47µF
X5R
6.3V
COUT2
100µF
X5R
6.3V
Figure 46. 1.5 V, 4 A Step-Down Regulator, Synchronized to 1 MHz,
180° out of Phase with the External Clock
ADP2164ACPZ
CIN
47µF
X5R
10V
COUT
47µF
X5R
6.3V
VOUT
3.3V
4A
VIN
5V
SYNC
TRK
FB
RT
SW
SW
SW
PVIN
GND PGND PGND PGND
L
1µH
RTOP
10kΩ
RBOT
2.21kΩ
RTRKB
2.21kΩ
RTRKT
10kΩ
VMASTER
L: MSS1038-102NL COILCRAFT
CIN: C3225X5R1A476M TDK
COUT: C3225X5R0J476M TDK
12
11
10
9
4
3
2
1
56
7
8
PGOOD
C1
0.1µF
EN
R1
10Ω
R2
10kΩ
PVIN
16
15
VIN
14
13
Figure 47. 3.3 V, 4 A, 1.2 MHz Step-Down Regulator, Tracking Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com