Electronic Components Datasheet Search
  English  ▼

X  

ADP2325 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2325
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325 Datasheet(HTML) 1 Page - Analog Devices

  ADP2325 Datasheet HTML 1Page - Analog Devices ADP2325 Datasheet HTML 2Page - Analog Devices ADP2325 Datasheet HTML 3Page - Analog Devices ADP2325 Datasheet HTML 4Page - Analog Devices ADP2325 Datasheet HTML 5Page - Analog Devices ADP2325 Datasheet HTML 6Page - Analog Devices ADP2325 Datasheet HTML 7Page - Analog Devices ADP2325 Datasheet HTML 8Page - Analog Devices ADP2325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual 5 A, 20 V Synchronous Step-Down
Regulator with Integrated High-Side MOSFET
Data Sheet
ADP2325
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage: 4.5 V to 20 V
±1% output accuracy
Integrated 48 mΩ typical high-side MOSFET
Flexible output configuration
Dual output: 5 A/5 A
Parallel single output: 10 A
Programmable switching frequency: 250 kHz to 1.2 MHz
External synchronization input with programmable phase
shift or internal clock output
Selectable PWM or PFM mode operation
Adjustable current limit for small inductors
External compensation and soft start
Startup into precharged output
Supported by ADIsimPowerTM design tool
APPLICATIONS
Communications infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The ADP2325 is a full featured, dual output, step-down dc-to-dc
regulator based on a current mode architecture. The ADP2325
integrates two high-side power MOSFETs and two low-side drivers
for the external N-channel MOSFETs. The two pulse-width mod-
ulation (PWM) channels can be configured to deliver dual 5 A
outputs or a parallel-to-single 10 A output. The regulator operates
from input voltages of 4.5 V to 20 V, and the output voltage can
be as low as 0.6 V.
The switching frequency can be programmed from 250 kHz to
1.2 MHz, or it can be synchronized to an external clock to
minimize interference in multirail applications. The dual PWM
channels run 180° out of phase, thereby reducing input current
ripple as well as reducing the size of the input capacitor.
The bidirectional synchronization pin can be programmed at
a 60°, 90°, or 120° phase shift to provide for a stackable, multi-
phase power solution.
The ADP2325 can be configured to operate in pulse frequency
modulation (PFM) mode at a light load for higher efficiency or
in forced PWM mode for noise sensitive applications. External
compensation and soft start provide design flexibility.
Independent enable inputs and power-good outputs provide
reliable power sequencing. To enhance system reliability, the device
includes undervoltage lockout (UVLO), overvoltage protection
(OVP), overcurrent protection, and thermal shutdown.
The ADP2325 operates over the −40°C to +125°C junction
temperature range and is available in a 32-lead LFCSP_WQ
package.
Figure 2. Efficiency vs. Output Current at VIN = 12 V, fSW = 600 kHz
SW1
DL1
PGND
SW2
DL2
PGOOD1
PGOOD2
GND
SYNC
SCFG
INTVCC
RT
VDRV
VOUT1
VOUT2
VIN
ADP2325
L1
L2
COUT1
COUT2
CIN1
M1
M2
ROSC
CBST1
CSS2
CC2
RC2
RTOP1
RBOT2
RTOP2
CINT
CDRV
TRK1
TRK2
MODE
VIN
CIN2
CBST2
RBOT1
RC1
CC1
CSS1
50
55
60
65
70
75
80
85
90
95
100
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5
5.0
OUTPUT CURRENT (A)
VOUT = 5.0V
VOUT = 3.3V


Similar Part No. - ADP2325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2323 AD-ADP2323 Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323 AD-ADP2323 Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323-EVALZ AD-ADP2323-EVALZ Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323-EVALZ AD-ADP2323-EVALZ Datasheet
976Kb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - ADP2325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com